Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM252082NJ3 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CM252082NJ3
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM252082NJ3 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CM252082NJ3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
195
1.70
70
7.96
30
2.70
CM25202R7J3□-□□□± 5%
2)."-
":Reference code
1).□ : Packaging information...
□□
AR-001A
CM2520220J3□-□□□
CM2520560J3□-□□□
CM2520680J3□-□□□
CM2520101J3□-□□□
CM2520820J3□-□□□
CM2520270J3□-□□□
CM2520470J3□-□□□
CM2520330J3□-□□□
CM2520390J3□-□□□
CM25208R2J3□-□□□
CM2520100J3□-□□□
CM2520120J3□-□□□
CM2520180J3□-□□□
CM2520150J3□-□□□
CM25206R8J3□-□□□
CM25205R6J3□-□□□
CM25204R7J3□-□□□
CM25203R3J3□-□□□
CM25203R9J3□-□□□
55
43
48
39
33
30
36
42
24
26
21
22
17
18
16
15
20
13
12
B : Taping Reel
2.52
25
22.00 ± 5%
25
20
20
20
20
25
15
20
A : Bulk
56.00 ± 5%
± 5%
± 5%
± 5%
100.00
68.00
82.00
± 5%
± 5%
± 5%
± 5%
39.00
47.00
27.00
33.00
2.52
2.52
0.796
2.52
2.52
2.52
2.52
2.52
30
30
30
25
25
25
25
25
25
25
± 5%
± 5%
± 5%
± 5%
± 5%
12.00
18.00
15.00
10.00
8.20
± 5%
± 5%
± 5%
± 5%
± 5%
4.70
6.80
5.60
3.30
3.90
7.96
2.52
2.52
2.52
2.52
7.96
7.96
7.96
7.96
7.96
125
5.50
115
80
90
70
75
110
60
66
12.10
16.60
21.00
19.00
6.30
9.50
11.10
7.10
185
175
180
165
155
150
160
170
130
140
3.05
3.50
3.80
4.80
4.40
1.90
2.30
2.10
2.70
2.50
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
CM252047NJ3□-□□□
CM25201R0J3□-□□□
CM25201R8J3□-□□□
CM25201R5J3□-□□□
CM25201R2J3□-□□□
CM25202R2J3□-□□□
CM2520R39J3□-□□□
CM2520R47J3□-□□□
CM2520R56J3□-□□□
CM2520R68J3□-□□□
CM2520R82J3□-□□□
CM2520R12J3□-□□□
CM2520R15J3□-□□□
CM2520R18J3□-□□□
CM2520R22J3□-□□□
CM2520R27J3□-□□□
CM2520R33J3□-□□□
CM2520R10J3□-□□□
CM252056NJ3□-□□□
CM252082NJ3□-□□□
CM252068NJ3□-□□□
CM252015NJ3□-□□□
CM252018NJ3□-□□□
CM252022NJ3□-□□□
CM252039NJ3□-□□□
CM252033NJ3□-□□□
CM252027NJ3□-□□□
CM252010NJ3□-□□□
CM252012NJ3□-□□□
DWG No.
PROD.
NAME
REF :
±5%
100
360
0.50
1200
20
0.047
230
135
182
245
700
800
500
425
450
550
375
350
300
325
260
400
105
900
1050
1100
30
30
30
30
30
30
30
30
30
30
1.00 ± 5%
± 5%
± 5%
± 5%
± 5%
1.80
2.20
1.20
1.50
±5%
±5%
±5%
±5%
±5%
0.560
0.680
0.820
0.470
0.390
7.96
7.96
7.96
7.96
7.96
25.2
25.2
25.2
25.2
25.2
30
20
30
30
30
30
30
20
20
20
±5%
0.120
±5%
±5%
±5%
±5%
±5%
0.220
0.270
0.330
0.180
0.150
±5%
±5%
±5%
±5%
0.100
0.082
0.056
0.068
25.2
25.2
25.2
25.2
25.2
25.2
100
100
100
100
210
220
245
200
375
350
300
325
260
230
1.10
1.20
1.45
1.30
1.55
0.65
0.68
0.85
0.75
1.00
550
280
460
420
430
500
400
340
300
320
0.30
0.40
0.55
0.50
0.35
0.60
0.80
0.60
0.75
0.65
2150
1850
2050
2000
min.
( MHz )
SRF
1550
1350
1450
1650
15
15
15
15
min.
20
20
15
15
±5%
±5%
±5%
±5%
±5%
±5%
0.027
0.033
0.039
0.018
0.022
±5%
±5%
Inductance
0.010
0.012
0.015
( μH )
100
100
100
100
100
100
100
100
( MHz )
Test Freq
Q
ABC'S DWG NO.
ABC'S ITEM NO.
530
450
500
480
max
( mA )
IDC
380
400
410
420
0.29
0.31
0.40
0.42
0.45
0.37
0.26
0.27
max.
( Ω )
RDC
CM2520□□□□3□-□□□
PAGE: 2
20080718-A


Similar Part No. - CM252082NJ3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM252016-100K BOURNS-CM252016-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
   High resistance to heat and humidity
CM252016-100KL BOURNS-CM252016-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM252016-101K BOURNS-CM252016-101K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-101KL BOURNS-CM252016-101KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM252082NJ3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com