Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM45326R8KL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # CM45326R8KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM45326R8KL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  CM45326R8KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM45326R8KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
@ Inductance VS. DC Superposition Characteristics
DC Current (mA)
2
100
AR-001A
20
40
60
Q
471K
Test : Equipment : Q Meter HP4291A
Frequency (MHz)
1
0.1
10
@ Q VS. Frequency Response
470K
4R7K
100K
1R0K
2
100K
10
2
101
5
3
7
5
23
10
7
2
4R7K
2
1
3
10
5
7
2
470K
101K
PROD.
NAME
Ⅵ﹒
CURVE:
REF :
7
3
5
103
102K
471K
WOUND CHIP INDUCTOR
@ Inductance Change VS. Temperature Response
Test Equipment : LCZ Meter HP4194A
60
40
20
100uH
10uH
Temperature( )
4
2
1
3
-20
0
3
2
1
4
80
35 7 103
23
5
10
7
3
PAGE: 3
1.5H
Test Circuit
20000pF
1KHz
WK3260B
Test Piece
A
CM4532□□□□L□-□□□
20070813-E


Similar Part No. - CM45326R8KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-1001L BOURNS-CM453232-1001L Datasheet
449Kb / 9P
   SMT Chip Inductors
CM453232-100JL BOURNS-CM453232-100JL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM453232-100K BOURNS-CM453232-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-100KL BOURNS-CM453232-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM453232-1011L BOURNS-CM453232-1011L Datasheet
449Kb / 9P
   SMT Chip Inductors
More results

Similar Description - CM45326R8KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com