Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3225R82ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CM3225R82ML
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM3225R82ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CM3225R82ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM3225R82ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
140
20
2.52
30
-□□□
CM3225120KL□
12.000±10%
2.50
AR-001A
2)."-
":Reference code
1).
: Packaging information
...
□□
CM3225820KL□
CM3225121KL□
CM3225151KL□
CM3225101KL□
-□□□
-□□□
-□□□
-□□□
-□□□
CM3225330KL□
CM3225390KL□
CM3225680KL□
CM3225560KL□
CM3225470KL□ -□□□
-□□□
-□□□
-□□□
CM3225150KL□
CM3225270KL□
CM3225220KL□
CM3225180KL□ -□□□
-□□□
-□□□
-□□□
B: TapingReel
A : Bulk
82.000±10%
120.000±10%
150.000±10%
100.000±10%
20
20
30
20
0.796
0.796
0.796
2.52
10
8
11
10
30
33.000±10%
39.000±10%
47.000±10%
56.000±10%
68.000±10%
30
30
30
30
15.000±10%
18.000±10%
22.000±10%
27.000±10%
30
30
30
30
17
2.52
2.52
2.52
2.52
2.52
15
13
12
16
2.52
2.52
2.52
2.52
20
20
20
20
11.00
15.00
11.00
10.00
70
65
45
40
70
5.60
7.00
8.00
9.00
6.40
60
55
50
65
3.30
5.00
3.70
2.80
120
110
80
130
SPECIFICATION FOR APPROVAL
CM3225□□□□L□-□□□
300
25.2
30
-□□□
CM3225R33ML□
0.330±20%
-□□□
CM32254R7KL□
CM32255R6KL□
CM32256R8KL□
CM3225100KL□
CM32258R2KL□ -□□□
-□□□
-□□□
-□□□
CM32252R2KL□
CM32252R7KL□
CM32253R9KL□
CM32253R3KL□ -□□□
-□□□
-□□□
-□□□
-□□□
CM3225R82ML□
CM32251R0KL□
CM32251R2KL□
CM32251R5KL□
CM32251R8KL□
-□□□
-□□□
-□□□
-□□□
CM3225R39ML□
CM3225R47ML□
CM3225R56ML□
CM3225R68ML□ -□□□
-□□□
-□□□
-□□□
30
30
4.700±10%
10.000±10%
8.200±10%
6.800±10%
5.600±10%
30
30
30
30
2.700±10%
2.200±10%
3.900±10%
3.300±10%
30
30
30
50
7.96
7.96
2.52
7.96
7.96
35
30
45
40
7.96
7.96
7.96
7.96
60
55
75
70
30
0.820±20%
1.200±10%
1.800±10%
1.500±10%
1.000±10%
30
30
30
30
0.560±20%
0.680±20%
0.470±20%
0.390±20%
30
30
30
30
140
25.2
7.96
7.96
7.96
7.96
100
80
85
120
25.2
25.2
25.2
25.2
180
160
250
220
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
WOUND CHIP INDUCTOR
-□□□
CM3225R12ML□
CM3225R15ML□
CM3225R18ML□
CM3225R22ML□
CM3225R27ML□
-□□□
-□□□
-□□□
-□□□
DWG No.
REF : 20080502-H
PROD.
NAME
0.270±20%
0.220±20%
0.180±20%
0.150±20%
30
30
30
30
Inductance
0.120±20%
( µH )
Q
min.
30
25.2
25.2
25.2
25.2
350
320
400
450
Test Freq
( MHz )
25.2
SRF
( MHz )
500
min.
ABC'S ITEM NO.
ABC'S DWG NO.
450
0.40
220
1.50
2.00
2.10
1.60
1.80
170
150
200
180
1.20
1.30
1.00
1.10
260
250
320
290
450
0.65
0.75
0.90
0.85
0.70
390
350
370
400
0.60
0.55
0.50
0.45
450
450
450
450
450
0.32
0.36
0.28
0.25
450
450
450
450
RDC
( Ω )
max.
0.22
IDC
( mA )
max
PAGE: 2


Similar Part No. - CM3225R82ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM322522 BOURNS-CM322522 Datasheet
298Kb / 2P
   Chip Inductor
CM322522-100JL BOURNS-CM322522-100JL Datasheet
298Kb / 2P
   Chip Inductor
CM322522-100K BOURNS-CM322522-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM322522-100KL BOURNS-CM322522-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM322522-100KL BOURNS-CM322522-100KL Datasheet
298Kb / 2P
   Chip Inductor
More results

Similar Description - CM3225R82ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com