Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR0604270ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # ESR0604270ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0604270ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  ESR0604270ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0604270ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0604270ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0604270ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0604270ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0604270ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR0604270ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
30 minutes
-40 ℃
30 minutes
+105 ℃
ESR0604□□□□L□-□□□
( Temp. cycle )
Thermal shock test
Humidity test
Resistance test
High temp.
AR-001A
Time : 96 hours
Temperature : 105±5℃
Applied current : Per spec.
Electrical oharacteristics shall
than ±20%
not change more
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
15 minutes
15 minutes
Room temp.
Room temp.
Test item
Solderability
Ⅷ﹒DWGING NUMBER EXPRESSION:
NAME
PROD.
REF :
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
More than 95% of the
terminal electrode
Shall be covered
With fresh solder.
Specification
SMD POWER INDUCTOR
Test condition
Dip time : 5±0.5 seconds
Solder temp. : 235±5℃
Preheat : 155
/ 4 hours.
Flux : Rosin
PAGE: 5


Similar Part No. - ESR0604270ML

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01MZPD100 ROHM-ESR01MZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
More results

Similar Description - ESR0604270ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com