Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM4532271KL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # CM4532271KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM4532271KL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  CM4532271KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Reports: January 19, 1988: January 19, 1988: January 19, 1988: June 2, 1988;
130
130
130
130
130
130
50
50
__________________
March 4, 1994
50
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
August 27, 1999
Coating Type
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
Polysol 155g
Pg155
Polyurechane
AR-001A
June 2, 1998; June 2, 1988.
EME-1100
EME-5961C
EME-1200
6.4
BK
BK
BK
3.1
0.3
BK
BK
BK
0.84
0.84
6.4
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
BM-23
BM-22
BM-21
OMFZ2
ALL
ALL
ALL
0.79
0.79
0.79
94HB
94V-0
94HB
See General Information preceding These Recognitions
Pp155,Gp155
PN180
P170 or G170
P180
P160
Polysol-N 180
Polysol 170
Polysol 180
Polysol 160
Polysol 155p
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
NAME
PROD.
Ⅹ﹒
UL CARD:
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
PN155
P155
E180
A200
Mtl Dsg
Estersol 160
Amldester 200
Polysol-N 155
Polysol 155
Mark Dsg
BC
Polyesterimide
Polyurechane
Polyurechane
(solderable)
Polyesterimide
Magnet Wire-Comporent
WOUND CHIP INDUCTOR
OBMW2
REF :
____
MW-79
130
R
130
130
130
130
130
130
130
130
130
130
130
130
50
50
50
50
50
50
E59481 (S)
Nylon
____
____
____
MW-79
____
MW-79
MW-79
MW-79
156
180
155
155
155
Class
Temp
OC
Typ
Nylon
____
____
____
____
MW-74
MW-80,
MW-79,
MW-79
MW-28
MW-77
ANSI
200
155,
130
155,
100
180
E143312
CM4532□□□□L□-□□□
PAGE: 8
20070813-E


Similar Part No. - CM4532271KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-1001L BOURNS-CM453232-1001L Datasheet
449Kb / 9P
   SMT Chip Inductors
CM453232-100JL BOURNS-CM453232-100JL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM453232-100K BOURNS-CM453232-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-100KL BOURNS-CM453232-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM453232-1011L BOURNS-CM453232-1011L Datasheet
449Kb / 9P
   SMT Chip Inductors
More results

Similar Description - CM4532271KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com