Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC32252R2ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # CC32252R2ML
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CC32252R2ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  CC32252R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp CC32252R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
610
82
4
@ Q VS. Frequency Response
AR-001A
50
Q
10
10
2
-1
30
20
40
80
60
70
100
90
Frequency (MHz)
0
410
8
6
1R5M
24
100K
101K
330K
1
@ Inductance VS. DC Superposition Characteristics
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
1
101
3
2
5
0
10
7
2
5
3
10
7
DC Current (mA)
3
25
10
7
2
5
23
7 103
1R5M
100K
WOUND CHIP INDUCTOR
Ⅵ﹒
CURVE:
5
2
3
2
10
7
REF : 20070313-B
NAME
PROD.
330K
101K
23
7
5103
CC3225□□□□L□-□□□
PAGE: 3
20080131-D


Similar Part No. - CC32252R2ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CC322522A BOURNS-CC322522A Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-100K BOURNS-CC322522A-100K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-101K BOURNS-CC322522A-101K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-120K BOURNS-CC322522A-120K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-150K BOURNS-CC322522A-150K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
More results

Similar Description - CC32252R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com