Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5335AW-C570-HTS Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # DL-5335AW-C570-HTS
Description  Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5335AW-C570-HTS Datasheet(HTML) 2 Page - Optoway Technology Inc

  DL-5335AW-C570-HTS Datasheet HTML 1Page - Optoway Technology Inc DL-5335AW-C570-HTS Datasheet HTML 2Page - Optoway Technology Inc DL-5335AW-C570-HTS Datasheet HTML 3Page - Optoway Technology Inc DL-5335AW-C570-HTS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optoway
DL-53X8AW-CXX0
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
ABSOLUTE MAXIMUM RATINGS
Stress in excess of the absolute maximum rating can cause permanent damage to the device. These are absolute stress
rating only. Functional operation of the device is not implied at these or any other conditions in excess of these given in
the operational sections of the datasheet. Exposure to absolute ratings for extended periods can adversely affect device
reliability.
Parameter
Symbol
Min
Max
Unit
Optical Output Power
(5338AW / 5348AW / 5358AW)
Po
3 / 4 / 5
mW
LD Reverse Voltage
VRL
2
V
PD Reverse Voltage
VRD
10
V
PD Forward Current
IFD
1
mA
Soldering Temperature
Tsolder
260 / 10
oC / sec
Operating Temperature Range
Top
-20
75
oC
PRECAUTIONS for USE
1. ESD protection is imperative. Use of grounding straps, anti-static mats, and other ESD protective equipment is
recommended when handling or testing an any junction photodiodes.
2. Fiber pigtails should be handled with less than 10N pull and with a bending radius greater than 30 mm.
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Flangeless
Horizontal Flange
Vertical Flange
Connector
H
H
H
P/N
H
DL-5338AW-CXX0-XXXS
9
DL-5348AW-CXX0-XXXS
10.9
DL-5358AW-CXX0-XXXS
10.9


Similar Part No. - DL-5335AW-C570-HTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5335AW-HFAS OPTOWAY-DL-5335AW-HFAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5335AW-HFS OPTOWAY-DL-5335AW-HFS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5335AW-HLAS OPTOWAY-DL-5335AW-HLAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5335AW-HLS OPTOWAY-DL-5335AW-HLS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5335AW-HSAS OPTOWAY-DL-5335AW-HSAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
More results

Similar Description - DL-5335AW-C570-HTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-53X8AC-CXX0 OPTOWAY-DL-53X8AC-CXX0 Datasheet
82Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
DL-33X8AW OPTOWAY-DL-33X8AW Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-53X8AW OPTOWAY-DL-53X8AW Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-53X8AR-CXX0 OPTOWAY-DL-53X8AR-CXX0 Datasheet
93Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5338AR-CXX0 OPTOWAY-DL-5338AR-CXX0 Datasheet
88Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0_09 Datasheet
81Kb / 4P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com