Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5345AW-C530-HTS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-5345AW-C530-HTS
Description  Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5345AW-C530-HTS Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-5345AW-C530-HTS Datasheet HTML 1Page - Optoway Technology Inc DL-5345AW-C530-HTS Datasheet HTML 2Page - Optoway Technology Inc DL-5345AW-C530-HTS Datasheet HTML 3Page - Optoway Technology Inc DL-5345AW-C530-HTS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
DL-53X8AW-CXX0
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
DL-53X8AW-CXX0 Series
Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for Wide-Band CDMA application
****************************************************************************************************************************************************************
DESCRIPTION
DL-53X8AW-CXX0 series are designed for coupling a single mode optical fiber with 1470 ~ 1610 nm
CWDM MQW-DFB uncooled laser diode. DL-53X8AW-CXX0 series are the best kits as light source for
analog application, such as optical repeater for mobile wide-band CDMA (W-CDMA) communication.
FEATURES
l
8-Wavelength CWDM : from 1470 nm to 1610 nm, each Step 20 nm
l
Uncooled DFB Laser Diode with MOW Structure
l
High Reliability, Long Operation Life
l
Single Frequency Operation with High SMSR
l
-20 to 75℃ operation without active cooling
l
Built-in InGaAs monitor photodiode
l
Low Inter-modulation Distortion
l
Built-in isolator
CHARACTERISTICS
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW, Room Temperature
CW, Over Temperature
10
15
50
mA
mA
Iop
Operation Current
CW, Room Temperature
CW, Over Temperature
50
100
mA
mA
Vop
Operating Voltage
CW, IF=Iop
1.2
1.5
V
Pf
Optical Output Power
Part No.:DL-5338AW
DL-5348AW
DL-5358AW
CW, IF=Iop
2.0
3.0
4.0
mW
mW
mW
λc
Central Wavelength
CW, IF=Iop
λ-3
λ
λ+2
nm
SMSR
Side Mode Suppression Ratio
CW, IF=Iop
30
35
nm
ΔPf/ Pf Tracking Error
APC, -20~75 ℃
-1
1
dB
Im
PD monitor Current
CW, IF=Iop, VRD=1V
100
1500
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
VRD=5V, f=1 MHz
10
15
pF
IMD3
Third-Order Intermodulation
(*1)
-56
dBc
RIN
Relative Intensity Noise
f=80~2200 MHz
-145
dB/Hz
Iso
Optical Isolation
λ=λc
30
dB
Note: *1 2-tone (1770 MHz and 1772.5 MHz), OMI=0.2 for each RF Channel.


Similar Part No. - DL-5345AW-C530-HTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5345AW-HFAS OPTOWAY-DL-5345AW-HFAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5345AW-HFS OPTOWAY-DL-5345AW-HFS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5345AW-HLAS OPTOWAY-DL-5345AW-HLAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5345AW-HLS OPTOWAY-DL-5345AW-HLS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5345AW-HSAS OPTOWAY-DL-5345AW-HSAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
More results

Similar Description - DL-5345AW-C530-HTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-53X8AC-CXX0 OPTOWAY-DL-53X8AC-CXX0 Datasheet
82Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
DL-33X8AW OPTOWAY-DL-33X8AW Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-53X8AW OPTOWAY-DL-53X8AW Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-53X8AR-CXX0 OPTOWAY-DL-53X8AR-CXX0 Datasheet
93Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5338AR-CXX0 OPTOWAY-DL-5338AR-CXX0 Datasheet
88Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0_09 Datasheet
81Kb / 4P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com