Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
1SMB2EZ11 Datasheet(PDF) 4 Page - Transys Electronics
Part No.
1SMB2EZ11
Description
SURFACE
MOUNT
SILICON
ZENER
DIODE
Download
5 Pages
Scroll/Zoom
100%
Maker
TRSYS [Transys Electronics]
Homepage
http://www.transyselectronics.com
Logo
1SMB2EZ11 Datasheet(HTML) 4 Page - Transys Electronics
zoom in
zoom out
4
/ 5 page
Html Pages
1
2
3
4
5
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
CMKTC825A
SURFACE
MOUNT
ULTRAmini
TEMPERATURE
COMPENSATED
SILICON
ZENER
DIODE
1
2
Central Semiconductor Corp
CMKZ5221B
SURFACE
MOUNT
ULTRAmini
TRIPLE
ISOLATED
SILICON
ZENER
DIODE
5%
TOLERANCE
1
2
Central Semiconductor Corp
BZX84B5V1
SURFACE
MOUNT
350mW
SILICON
ZENER
DIODE
2.4
VOLTS
THRU
47
VOLTS
1
2
Central Semiconductor Corp
BZV55C2V4
SURFACE
MOUNT
SILICON
ZENER
DIODE
0.5
WATT
2.4
THRU
75
VOLTS
±
5ANCE
1
2
Central Semiconductor Corp
1SMA4732
SURFACE
MOUNT
SILICON
ZENER
DIODE
1
2
3
4
5
Continental Device India Limited
CMSZDA2V4
SURFACE
MOUNT
DUAL
SILICON
ZENER
DIODE
2.4
VOLTS
THRU
47
VOLTS
1
2
Central Semiconductor Corp
1SMA5917
SURFACE
MOUNT
SILICON
ZENER
DIODE
1
2
3
4
5
Continental Device India Limited
1SMA4741
SURFACE
MOUNT
SILICON
ZENER
DIODE
1
2
3
4
5
Transys Electronics
1SMB3EZ11
SURFACE
MOUNT
SILICON
ZENER
DIODE
1
2
3
4
5
Transys Electronics
1SMB5926
SURFACE
MOUNT
SILICON
ZENER
DIODE
1
2
3
Transys Electronics
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn