Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLT007A0Z Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # FLT007A0Z
Description  75Vdc Input Voltage Maximum, 7A Output Current Maximum
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FLT007A0Z Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button FLT007A0Z Datasheet HTML 4Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 5Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 6Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 7Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 8Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 9Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 10Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 11Page - Lineage Power Corporation FLT007A0Z Datasheet HTML 12Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
March 26, 2008
FLT007A0/FLT007A0-SR Input Filter Modules
75Vdc Input Voltage Maximum, 7A Output Current Maximum
LINEAGE POWER
8
Post solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect
both the reliability of a power module and the
testability of the finished circuit-board assembly. For
guidance on appropriate soldering, cleaning and
drying procedures, refer to Lineage Power Board
Mounted Power Modules: Soldering and Cleaning
Application Note.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant through-hole products use the
SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant
components. They are designed to be processed
through single or dual wave soldering machines. The
pins have an RoHS-compliant finish that is compatible
with both Pb and Pb-free wave soldering processes.
A maximum preheat rate of 3
°C/s is suggested. The
wave preheat process should be such that the
temperature of the power module board is kept below
210
°C. For Pb solder, the recommended pot
temperature is 260
°C, while the Pb-free solder pot is
270
°C max. Not all RoHS-compliant through-hole
products can be processed with paste-through-hole
Pb or Pb-free reflow process. If additional information
is needed, please consult with your Lineage Power
representative for more details.
Surface Mount Information
Pick and Place
The FLT007A0-SR SMT modules use an open frame
construction and are designed for a fully automated
assembly process. The modules are fitted with a
label designed to provide a large surface area for pick
and place operations. The label meets all the
requirements for surface mount processing, as well as
safety standards, and is able to withstand reflow
temperatures of up to 300
oC. The label also carries
product information such as product code, serial
number and location of manufacture.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, these
modules have a relatively large mass when compared
to conventional SMT components. Variables such as
nozzle size, tip style, vacuum pressure and pick &
placement speed should be considered to optimize
this process. The minimum recommended nozzle
diameter for reliable operation is 5mm. The maximum
nozzle outer diameter, which will safely fit within the
allowable component spacing, is 8 mm max.
Tin Lead Soldering
The FLT007A0-SR power modules are lead free
modules and can be soldered either in a lead-free
solder process or in a conventional Tin/Lead (Sn/Pb)
process. It is recommended that the customer review
data sheets in order to customize the solder reflow
profile for each application board assembly. The
following instructions must be observed when
soldering these units. Failure to observe these
instructions may result in the failure of or cause
damage to the modules, and can adversely affect
long-term reliability.
In a conventional Tin/Lead (Sn/Pb) solder process
peak reflow temperatures are limited to less than
235
oC. Typically, the eutectic solder melts at 183oC,
wets the land, and subsequently wicks the device
connection. Sufficient time must be allowed to fuse
the plating on the connection to ensure a reliable
solder joint. There are several types of SMT reflow
technologies currently used in the industry. These
surface mount power modules can be reliably
soldered using natural forced convection, IR (radiant
infrared), or a combination of convection/IR. For
reliable soldering the solder reflow profile should be
established by accurately measuring the modules CP
connector temperatures.
Figure 12. Pick and Place Location.
Pick and
Place
Location


Similar Part No. - FLT007A0Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLT012A0 LINEAGEPOWER-FLT012A0 Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
FLT012A0SZ LINEAGEPOWER-FLT012A0SZ Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
FLT012A0Z LINEAGEPOWER-FLT012A0Z Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
logo
DB Lectro Inc
FLT070 DBLECTRO-FLT070 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
More results

Similar Description - FLT007A0Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLT012A0 LINEAGEPOWER-FLT012A0 Datasheet
489Kb / 13P
   75Vdc Input Voltage Maximum; 12A Output Current Maximum
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
Delta Electronics, Inc.
FL75L07 DELTA-FL75L07 Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
logo
Integrated Device Techn...
ICS853S057I IDT-ICS853S057I Datasheet
852Kb / 16P
   Maximum input/output frequency
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com