Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL-5518S-S Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # FL-5518S-S
Description  1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-5518S-S Datasheet(HTML) 5 Page - Optoway Technology Inc

  FL-5518S-S Datasheet HTML 1Page - Optoway Technology Inc FL-5518S-S Datasheet HTML 2Page - Optoway Technology Inc FL-5518S-S Datasheet HTML 3Page - Optoway Technology Inc FL-5518S-S Datasheet HTML 4Page - Optoway Technology Inc FL-5518S-S Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
FL-5500
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2002/7/1
2.0
1. Combine 1.25G and 2.5G characteristics in one data sheet
2. Add 3mW products
3. Revise FC RECEPTACLE (BOARD MOUNT) thread thru dim.:
M2 =
> UNC-2B
4. Revise drawing
2007/12/1
3.0
Revise order information
2009/4/15


Similar Part No. - FL-5518S-S

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-5518S-S OPTOWAY-FL-5518S-S Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5518S-SB OPTOWAY-FL-5518S-SB Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5518S-SBS OPTOWAY-FL-5518S-SBS Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5518S-SS OPTOWAY-FL-5518S-SS Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results

Similar Description - FL-5518S-S

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-5540 OPTOWAY-FL-5540 Datasheet
114Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5500 OPTOWAY-FL-5500 Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3540 OPTOWAY-FL-3540 Datasheet
114Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3500 OPTOWAY-FL-3500_09 Datasheet
93Kb / 5P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
DL-5500 OPTOWAY-DL-5500_09 Datasheet
94Kb / 5P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com