Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL-3340S-HTS Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # FL-3340S-HTS
Description  1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-3340S-HTS Datasheet(HTML) 2 Page - Optoway Technology Inc

  FL-3340S-HTS Datasheet HTML 1Page - Optoway Technology Inc FL-3340S-HTS Datasheet HTML 2Page - Optoway Technology Inc FL-3340S-HTS Datasheet HTML 3Page - Optoway Technology Inc FL-3340S-HTS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optoway
FL-3300
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Optical Output Power
(330XX/331XX/332XX/333XX/334XX)
0.5/1.0/1.5/3/4
mW
VRL
LD Reverse Voltage
2
V
VRD
PD Reverse Voltage
10
V
IFD
PD Forward Current
1.0
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Flangeless
Vertical Flange
Connector
H
H
Horizontal Flange
H
Note: Specifications subject to change without notice.
P/N
H
FL-330XX-XXX
FL-331XX-XXX
FL-332XX-XXX
7.6
FL-333XX-XXS
9
FL-334XX-XXS
10.9


Similar Part No. - FL-3340S-HTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3340S-HTS OPTOWAY-FL-3340S-HTS Datasheet
92Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
More results

Similar Description - FL-3340S-HTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3340 OPTOWAY-FL-3340 Datasheet
92Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3540 OPTOWAY-FL-3540 Datasheet
114Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500_09 Datasheet
93Kb / 5P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300_09 Datasheet
81Kb / 4P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com