Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5338-C590-VSS Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # DL-5338-C590-VSS
Description  1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5338-C590-VSS Datasheet(HTML) 4 Page - Optoway Technology Inc

  DL-5338-C590-VSS Datasheet HTML 1Page - Optoway Technology Inc DL-5338-C590-VSS Datasheet HTML 2Page - Optoway Technology Inc DL-5338-C590-VSS Datasheet HTML 3Page - Optoway Technology Inc DL-5338-C590-VSS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
DL-5300-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2003/12/1
2.0
1. Combine 1.25G and 2.5G characteristics in one data sheet
2. Add 3mW products
2007/12/1
3.0
Revise mechanical drawing and order information
2009/4/15


Similar Part No. - DL-5338-C590-VSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5338-C270-HF OPTOWAY-DL-5338-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5338-C270-HFS OPTOWAY-DL-5338-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5338-C270-HS OPTOWAY-DL-5338-C270-HS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5338-C270-HSS OPTOWAY-DL-5338-C270-HSS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5338-C270-HT OPTOWAY-DL-5338-C270-HT Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
More results

Similar Description - DL-5338-C590-VSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0 Datasheet
111Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0_09 Datasheet
93Kb / 5P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com