Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUE200B41 Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # EUE200B41
Description  42-55/42-58Vdc Input; 12Vdc Output; 200/120W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EUE200B41 Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button EUE200B41 Datasheet HTML 4Page - Lineage Power Corporation EUE200B41 Datasheet HTML 5Page - Lineage Power Corporation EUE200B41 Datasheet HTML 6Page - Lineage Power Corporation EUE200B41 Datasheet HTML 7Page - Lineage Power Corporation EUE200B41 Datasheet HTML 8Page - Lineage Power Corporation EUE200B41 Datasheet HTML 9Page - Lineage Power Corporation EUE200B41 Datasheet HTML 10Page - Lineage Power Corporation EUE200B41 Datasheet HTML 11Page - Lineage Power Corporation EUE200B41 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
March 19, 2009
EUE Series DC-DC Power Modules:
42-55/42-58Vdc Input; 12Vdc Output; 200/120W
LINEAGE POWER
8
Characteristic Curves (continued)
10
11
12
13
14
15
42
44
46
48
50
52
54
56
58
Io=12A
Io=6A
Io=0A
INPUT VOLTAGE, VIN (V)
Figure 15. Typical Output voltage Vs. Input voltage
Characteristic at Room Temperature.
10
11
12
13
14
15
0246
8
10
12
Vin=42V
Vin=48V
Vin=58V
OUTPUT CURRENT, Io (A)
Figure 16. Typical Output voltage regulation Vs.
Output current at Room Temperature.


Similar Part No. - EUE200B41

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EUEA18-20.000M-GA ECLIPTEK-EUEA18-20.000M-GA Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-GTR ECLIPTEK-EUEA18-20.000M-GTR Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-I2A ECLIPTEK-EUEA18-20.000M-I2A Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-I2TR ECLIPTEK-EUEA18-20.000M-I2TR Datasheet
89Kb / 2P
   CRYSTAL
EUEA18-20.000M-L2A ECLIPTEK-EUEA18-20.000M-L2A Datasheet
89Kb / 2P
   CRYSTAL
More results

Similar Description - EUE200B41

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
logo
Wall Industries,Inc.
DTEM10601 WALL-DTEM10601 Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
logo
Astec America, Inc
DTX42K48 ASTEC-DTX42K48 Datasheet
112Kb / 2P
   42 Amps
logo
TRIAD MAGNETICS
SP-42 TRIAD-SP-42 Datasheet
55Kb / 1P
   SP-42
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
List of Unclassifed Man...
W42 ETC1-W42 Datasheet
66Kb / 1P
   42 Watt Multiple Output Regulated Power Supplies
44235 ETC1-44235 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com