Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQD075A1 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part No. EQD075A1
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EQD075A1 Datasheet(HTML) 1 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 Series (Eighth-Brick)DC-DC Converter Power Modules
18- 60Vdc Input; 3.3 to 5.0Vdc Output; 75W
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS05-031 ver. 1.2
PDF name: eqd075_ds.pdf
Applications
Distributed power architectures
Wireless Networks
Optical and Access Network Equipment
Enterprise Networks
Options
Positive logic, Remote On/Off
Auto restart after fault protection shutdown
Pin length
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to RoHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
High efficiency – 92% at 5.0Vo, full load, 24Vin
Industry standard Eighth brick footprint and pin out
57.9 mm x 22.8 mm x 8.5 mm
(2.28 in. x 0.90 in. x 0.335 in.)
3:1 Input voltage range: 18 - 60 Vdc
Input under/overvoltage protection
Output overcurrent/voltage protection
Over-temperature protection
Tightly regulated output
Remote sense
No reverse current during output shutdown
Negative logic, Remote On/Off
Output voltage programmable from 3.0 Vdc to
5.5Vdc
Input-to-output isolation (Basic Insulation: 1500V)
Wide operating temperature range (-40°C to 85°C)
Meets conducted emissions requirements of
FCC/EN55022 Class A without external filter
Within FCC and VDE Class A Radiated Limits
UL* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805:2001-12 (EN60950-1)
Licensed
Meets the voltage and current requirements for ETSI
300-132-2 and complies with and licensed for Basic
insulation rating per EN60950-1
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
The EQD075 series DC-DC converters are a new generation of open-frame DC/DC power modules designed to
support a 3:1 input voltage range, that allows operation in both 24V or 48V nominal input voltage systems, thus
eliminating the need for separate power modules for each input voltage range. These single output DC-DC
converters operate over an input voltage range of 18 to 60 Vdc. The series is also designed to provide a wide output
voltage set/trim range of 3.0 to 5.5Vdc, with output current up to 20A at 3.3Vdc or 15A at 5.0Vdc in an industry
standard eighth brick package. The output is isolated from the input, allowing versatile polarity configurations and
grounding connections. Built in filtering for both input and output minimizes the need for external filtering.
RoHS Compliant


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn