Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQD075A1 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part No. EQD075A1
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EQD075A1 Datasheet(HTML) 5 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 Series Single Output: Eighth Brick Power Modules:
18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal interface
(VIN=VIN, min to VIN, max ; Open collector or equivalent, Signal
referenced to VIN (-) terminal
Logic Low (Module OFF)
Input low Voltage = 0.0 V
A
VIL
-0.7
1.2
V
Input low Current = 1 mA
A
IIL
1.0
mA
Logic High (Module ON)
Input High Voltage = 5.0 V
A
VIH
5
V
Input High Current = 0 mA
A
IIH
50
μA
Turn-On Delay and Rise Times
(IO=80 % IO, max , TA = 25
o C)
Case 1: On/Off input is set to Logic High and then input
power is applied (delay from instant at which VIN = VIN, min
until Vo =10% of Vo,nom)
A
Tdelay
15
20
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is set to logic high (delay from instant
at which Von/Off = 0.9V until Vo=10% of Vo, set)
A
Tdelay
5
10
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo, nom to 90% of Vo, nom) Vo, nom set to 3.3V
A
Trise
10
15
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo, nom to 90% of Vo, nom) Vo, nom set to 5.0V
A
Trise
15
20
msec
Output voltage overshoot – Startup
IO= 80% of IO, max; TA = 25
oC
1
% VO, set
Input Undervoltage Lockout
A
VUVLO
Turn-on Threshold
17
18
V
Turn-off Threshold
14
15.5
V
Hysteresis
1.5
Input Over voltage Lockout
A
VOVLO
Turn-on Threshold
60
62
V
Turn-off Threshold
64
65
V
Hysteresis
2
Output Voltage Set point Adjustment
Output remote sense voltage range
A
VSENSE
10
%
VO,nom
(Max voltage drop is 0.5 V)
Output voltage adjustment range (TRIM)
A
3.0
5.5
Vdc
Over voltage protection
A
VOV, set
5.7
6.5
Vdc
Over Temperature Protection
A
Tref
130
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn