Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQD075A1 Datasheet(PDF) 15 Page - Lineage Power Corporation

Part No. EQD075A1
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EQD075A1 Datasheet(HTML) 15 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 series Single Output: Eighth Brick Power Modules:
18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Document No: DS05-031 ver. 1.2
PDF name: eqd075_ds.pdf
Ordering Information
Please contact your Lineage Power Sales Representative for pricing, availability and optional features.
Table 1. Device Code
Product codes
Input Voltage
Output
Voltage
Output
Current
Efficiency
Connector
Type
Comcodes
EQD075A1
18 – 60V
5/3.3V
15/20A
90%
TH
108994463
EQD075A4
18 – 60V
5/3.3V
15/20A
90%
TH
CC109121605
EQD075A41
18 – 60V
5/3.3V
15/20A
90%
TH
108994455
EQD075A641
18 – 60V
5/3.3V
15/20A
90%
TH
CC109126117
EQD075A41Z
18 – 60V
5/3.3V
15/20A
90%
TH
CC109114393
EQD075A81Z
18 – 60V
5/3.3V
15/20A
90%
TH
CC109129103
*Note: Legacy device codes may contain a –B option suffix to indicate 100% factory Hi-Pot tested to the isolation voltage specified in the Absolute
Maximum Ratings table. The 100% Hi-Pot test is now applied to all device codes, with or without the –B option suffix. Existing comcodes for devices
with the –B suffix are still valid; however, no new comcodes for devices containing the –B suffix will be created
Table 2. Device Options
Option
Suffix
Negative remote on/off logic
1
Auto-restart (from OTP, OVP, OCP)
4
Pin Length: 3.68 mm
± 0.25 mm (0.145 in. ± 0.010 in.)
6
Pin Length: 2.79 mm
± 0.25 mm (0.110 in. ± 0.010 in.)
8
RoHS Compliant
Z
World Wide Headquarters
Lineage Power Corporation
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-284-2626)
www.lineagepower.com
e-mail: techsupport1@lineagepower.com
Asia-Pacific Headquarters
Tel: +65 6416 4283
Europe, Middle-East and Africa Headquarters
Tel: +49 89 6089 286
India Headquarters
Tel: +91 80 28411633
Lineage Power reserves the right to m ake changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
© 2008 Lineage Pow er C orporation, (Mesquite, Texas) All International Rights Reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn