Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQD075A1 Datasheet(PDF) 14 Page - Lineage Power Corporation

Part No. EQD075A1
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EQD075A1 Datasheet(HTML) 14 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 Series Single Output: Eighth Brick Power Modules:
18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
LINEAGE POWER
14
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant through-hole products use the
SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant
components. They are designed to be processed
through single or dual wave soldering machines. The
pins have an RoHS-compliant finish that is compatible
with both Pb and Pb-free wave soldering processes.
A maximum preheat rate of 3
°C/s is suggested. The
wave preheat process should be such that the
temperature of the power module board is kept below
210
°C. For Pb solder, the recommended pot
temperature is 260
°C, while the Pb-free solder pot is
270
°C max. Not all RoHS-compliant through-hole
products can be processed with paste-through-hole
Pb or Pb-free reflow process. If additional information
is needed, please consult with your Lineage Power
Power System representative for more details.
Post solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect
both the reliability of a power module and the
testability of the finished circuit-board assembly. For
guidance on appropriate soldering, cleaning and
drying procedures, refer to Lineage Power Board
Mounted Power Modules: Soldering and Cleaning
Application Note.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn