Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQD075A1 Datasheet(PDF) 13 Page - Lineage Power Corporation

Part No. EQD075A1
Description  18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EQD075A1 Datasheet(HTML) 13 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
March 25, 2008
EQD075 series Single Output: Eighth Brick Power Modules:
18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
LINEAGE POWER
13
Recommended Pad Layout
Dimensions are in millimeters and [inches].
Tolerances: x.x mm
± 0.5 mm [x.xx in. ± 0.02 in.] (Unless otherwise indicated)
x.xx mm
± 0.25 mm [x.xxx in ± 0.010 in.]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn