Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA-1301Z-VFA Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # PDA-1301Z-VFA
Description  InGaAs PIN Photodiode Module for CATV Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PDA-1301Z-VFA Datasheet(HTML) 2 Page - Optoway Technology Inc

  PDA-1301Z-VFA Datasheet HTML 1Page - Optoway Technology Inc PDA-1301Z-VFA Datasheet HTML 2Page - Optoway Technology Inc PDA-1301Z-VFA Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optoway
PDA-1300
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/9/2009 V2.0
PRECAUTIONS for USE
ESD protection is imperative. Use of grounding straps, anti-static mats, and other ESD protective
equipment is recommended when handling or testing an InGaAs PIN or any other junction photodiodes.
Fiber pigtails should be handled with less than 10N pull and with a bending radius greater than 30 mm.
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: 1. Specifications subject to change without notice.
2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P
D
A
− 1
3
0
− □ □ □
Code
Fiber Buffer
Code
Flange
Code
Connector Type
0
900
μm
V
Vertical
X
No Connector
1
250
μm
H
Horizontal
SA
SC/APC
X
No Flange
FA
FC/APC
Code
PIN Assignment
Blank
Standard
A to Z
others


Similar Part No. - PDA-1301Z-VFA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PDA-1301-3-HFA OPTOWAY-PDA-1301-3-HFA Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
PDA-1301-3-HSA OPTOWAY-PDA-1301-3-HSA Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
PDA-1301-3-HX OPTOWAY-PDA-1301-3-HX Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
PDA-1301-3-VFA OPTOWAY-PDA-1301-3-VFA Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
PDA-1301-3-VSA OPTOWAY-PDA-1301-3-VSA Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
More results

Similar Description - PDA-1301Z-VFA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-3-XA OPTOWAY-PDA-1500-3-XA Datasheet
68Kb / 2P
   3GHz InGaAs PIN Photodiode Module for CATV Receiver
PDA-1300-3 OPTOWAY-PDA-1300-3 Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com