Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA-1500-3-XA Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # PDA-1500-3-XA
Description  3GHz InGaAs PIN Photodiode Module for CATV Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PDA-1500-3-XA Datasheet(HTML) 1 Page - Optoway Technology Inc

  PDA-1500-3-XA Datasheet HTML 1Page - Optoway Technology Inc PDA-1500-3-XA Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
PDA-1500-3-XA
*****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2007 V1.0
PDA-1500-3-XA
3GHz InGaAs PIN Photodiode Module for CATV Receiver
****************************************************************************************************************************************************************
DESCRIPTION
PDA-1500-3-SA InGaAs PIN Photodiode series are high quality analog photodetectors designed for AM
CATV receiver applications. These receptacle type modules are optically aligned to optimize performance
and balance the parameters of responsivity, distortion and back reflection. PDA-1500 series are suitable in
forward and return path applications including AM-VSB CATV, QAM 64/256, PON, FTTC and FTTH
receivers.
FEATURES
Electro-Optical
l
Low Inter-modulation Distortion
l
High Responsivity
l
Low Back Reflection
Packaging
l
Receptacle
ABSOLUTE MAXIMUM RATINGS
Stress in excess of the absolute maximum rating can cause permanent damage to the device. These are
absolute stress rating only. Functional operation of the device is not implied at these or any other conditions
in excess of these given in the operational sections of the datasheet. Exposure to absolute ratings for
extended periods can adversely affect device reliability.
Parameter
Symbol
Min
Max
Unit
Forward Current
10
mA
Reverse Current
10
mA
Reverse Voltage
25
V
Power Dissipation
PDISS
100
mW
Soldering Temperature
Tsolder
260/10
oC/sec
Operating Temperature Range
Top
-40
85
oC
Storage Temperature Range
Tstg
-40
85
oC
CHARACTERISTICS
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC, VR = 12V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
λ= 1300nm
0.80
R
Responsivity
λ= 1550nm
0.85
A/W
IM2
2
nd Order Intermodulation
Modulation
Note (1*)
-70
dBc
BR
Back Reflection
λ= 1300 nm, 1550 nm
-40
dB
Idark
Dark Current
VR=5V
1
nA
C
Capacitance
f=1MHz, Case Ground,
VR=5V
1.0
pF
BW
Bandwidth
3 dB down, RL=50Ω
3.0
GHz
1*. IM2 measured at VR=12V, λ=1550nm, Pavg=0dBm, MI=0.7, RLOAD=50, f1+f2=850.25 MHz, f1-f2=50.25MHz


Similar Part No. - PDA-1500-3-XA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
111Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
68Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
61Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
More results

Similar Description - PDA-1500-3-XA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1300 OPTOWAY-PDA-1300_09 Datasheet
116Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1300-3 OPTOWAY-PDA-1300-3 Datasheet
126Kb / 3P
   3 GHz InGaAs PIN Photodiode Module for CATV/Wireless/SAT Receiver
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com