Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4004S Datasheet(PDF) 1 Page - Transys Electronics

Part # 1N4004S
Description  PLASTIC SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4004S Datasheet(HTML) 1 Page - Transys Electronics

  1N4004S Datasheet HTML 1Page - Transys Electronics 1N4004S Datasheet HTML 2Page - Transys Electronics 1N4004S Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4001S THRU 1N4007S
PLASTIC SILICON RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
l
Low forward voltage drop
l
High current capability
l
High reliability
l
High surge current capability
l
0.6mm leads
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic , A-405
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4001S 1N4002S 1N4003S 1N4004S 1N4005S 1N4006S 1N4007S UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
75
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current @TA=75
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave IFSM superimposed on rated
load
30
A
Maximum Forward Voltage at 1.0A DC
1.1
V
Maximum DC Reverse Current @TA=25
At Rated DC Blocking Voltage @TA=100
5.0
500
A
A
Typical Junction capacitance (Note 1)
15
PF
Typical Thermal Resistance (Note 2) R JA
50
/W
Typical Thermal resistance (NOTE 2) R JL
25
/W
Operating Temperature Range TJ
-55 to +150
Storage Temperature Range TA
-55 to +150
A-405


Similar Part No. - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4004S DIOTEC-1N4004S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4004S PANJIT-1N4004S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4004S PANJIT-1N4004S Datasheet
67Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4004S TSC-1N4004S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
First Silicon Co., Ltd
1N4004S FS-1N4004S Datasheet
597Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results

Similar Description - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com