Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTS020A0X3-SRZ Datasheet(PDF) 14 Page - Lineage Power Corporation

Part # APTS020A0X3-SRZ
Description  4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS020A0X3-SRZ Datasheet(HTML) 14 Page - Lineage Power Corporation

Back Button APTS020A0X3-SRZ Datasheet HTML 10Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 11Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 12Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 13Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 14Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 15Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 16Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 17Page - Lineage Power Corporation APTS020A0X3-SRZ Datasheet HTML 18Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Data Sheet
July 24, 2009
12V TLynxTM: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
LINEAGE POWER
14
external capacitance values at various Vo and for a full
load current of 20A. For stable operation of the
module, limit the capacitance to less than the
maximum output capacitance as specified in the
electrical specification table. Optimal performance of
the module can be achieved by using the Tunable
Loop
TM feature described later in this data sheet.
0
10
20
30
40
0.5
1.5
2.5
3.5
4.5
5.5
Output Voltage (Volts)
1x10uF External Cap
1x47uF External Cap
2x47uF External Cap
4x47uF External Cap
Figure 41. Output ripple voltage for various output
voltages with external 1x10 µF, 1x47 µF, 2x47 µF or
4x47 µF ceramic capacitors at the output (20A
load). Input voltage is 12V.
Safety Considerations
For safety agency approval the power module must be
installed in compliance with the spacing and
separation requirements of the end-use safety agency
standards, i.e., UL 60950-1, CSA C22.2 No. 60950-1-
03, and VDE 0850:2001-12 (EN60950-1) Licensed.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power
module has extra-low voltage (ELV) outputs when all
inputs are ELV.
The input to these units is to be provided with a fast-
acting fuse with a maximum rating of 20 A in the
positive input lead
.
Feature Descriptions
Remote Enable
The 12V TLynx
TM modules feature an On/Off pin for
remote On/Off operation. Two On/Off logic options are
available. In the Positive Logic On/Off option, (device
code suffix “4” – see Ordering Information), the module
turns ON during a logic High on the On/Off pin and
turns OFF during a logic Low. With the Negative Logic
On/Off option, (no device code suffix, see Ordering
Information), the module turns OFF during logic High
and ON during logic Low. The On/Off signal is always
referenced to ground. For either On/Off logic option,
leaving the On/Off pin disconnected will turn the
module ON when input voltage is present.
For positive logic modules, the circuit configuration for
using the On/Off pin is shown in Figure 42. When the
external transistor Q1 is in the OFF state, the internal
PWM Enable signal is pulled high through an internal
24.9k
Ω resistor and the external pullup resistor and the
module is ON. When transistor Q1 is turned ON, the
On/Off pin is pulled low and the module is OFF. A
suggested value for Rpullup is 20k
Ω.
23K
I
ON/OFF
24.9K
Q1
GND
ON/OFF
VIN+
_
+
PWM Enable
V
ON/OFF
MODULE
Rpullup
22K
Q3
22K
12.1K
Q2
22K
Figure 42. Circuit configuration for using positive
On/Off logic.
For negative logic On/Off modules, the circuit
configuration is shown in Fig. 43. The On/Off pin
should be pulled high with an external pull-up resistor
(suggested value for the 4.5V to 14V input range is
20Kohms). When transistor Q1 is in the OFF state, the
On/Off pin is pulled high, internal transistor Q2 is
turned ON and the module is OFF. To turn the module
ON, Q1 is turned ON pulling the On/Off pin low, turning
transistor Q2 OFF resulting in the PWM Enable pin
going high and the module turning ON.


Similar Part No. - APTS020A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS020A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com