Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43252E2277M000 Datasheet(PDF) 12 Page - EPCOS

Part # B43252E2277M000
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43252E2277M000 Datasheet(HTML) 12 Page - EPCOS

Back Button B43252E2277M000 Datasheet HTML 8Page - EPCOS B43252E2277M000 Datasheet HTML 9Page - EPCOS B43252E2277M000 Datasheet HTML 10Page - EPCOS B43252E2277M000 Datasheet HTML 11Page - EPCOS B43252E2277M000 Datasheet HTML 12Page - EPCOS B43252E2277M000 Datasheet HTML 13Page - EPCOS B43252E2277M000 Datasheet HTML 14Page - EPCOS B43252E2277M000 Datasheet HTML 15Page - EPCOS B43252E2277M000 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
12 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
50
2700
22
× 30
1.94
B41252A6278M000
3300
22
× 35
2.20
B41252A6338M000
3900
22
× 40
2.52
B41252A6398M000
3900
25.4
× 35
2.62
B41252B6398M000
3900
30
× 25
2.54
B41252C6398M000
4700
22
× 45
2.81
B41252A6478M000
4700
25.4
× 40
2.93
B41252B6478M000
4700
30
× 30
2.87
B41252C6478M000
5600
22
× 50
3.11
B41252A6568M000
5600
25.4
× 40
3.11
B41252B6568M000
5600
30
× 35
3.21
B41252C6568M000
6800
25.4
× 50
3.64
B41252A6688M000
6800
30
× 40
3.61
B41252B6688M000
6800
35
× 30
3.53
B41252C6688M000
8200
30
× 45
3.94
B41252A6828M000
8200
35
× 35
3.87
B41252B6828M000
10000
30
× 50
4.42
B41252A6109M000
10000
35
× 40
4.37
B41252B6109M000
12000
35
× 45
4.78
B41252A6129M000
15000
35
× 50
5.24
B41252A6159M000
63
1200
22
× 25
1.37
B41252A8128M000
1500
22
× 30
1.50
B41252A8158M000
1500
25.4
× 25
1.54
B41252B8158M000
1800
22
× 30
1.64
B41252A8188M000
1800
25.4
× 25
1.69
B41252B8188M000
2200
22
× 35
1.86
B41252A8228M000
2200
25.4
× 30
1.92
B41252B8228M000
2700
22
× 40
2.17
B41252A8278M000
2700
25.4
× 30
2.13
B41252B8278M000
2700
30
× 25
2.18
B41252C8278M000
3300
22
× 50
2.53
B41252A8338M000
3300
25.4
× 40
2.53
B41252B8338M000
3300
30
× 30
2.48
B41252C8338M000
3900
25.4
× 45
2.88
B41252A8398M000
3900
30
× 35
2.84
B41252B8398M000
4700
25.4
× 50
3.20
B41252A8478M000
4700
30
× 40
3.17
B41252B8478M000
4700
35
× 30
3.10
B41252C8478M000
Technical data and ordering codes B41252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B41252_B43252.book Seite 12 Mittwoch, 16. April 2008 1:08 13


Similar Part No. - B43252E2277M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43254 EPCOS-B43254 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43254A1108M000 EPCOS-B43254A1108M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43254A1128M000 EPCOS-B43254A1128M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43254A1158M000 EPCOS-B43254A1158M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43254A1188M000 EPCOS-B43254A1188M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results

Similar Description - B43252E2277M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com