Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0205R10ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # AA0205R10ML
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0205R10ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  AA0205R10ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
Test
25.2
Inductance
DWG No.
AA0205R10ML□-□□□
0.10
( μH )
35
m in.
Q
300.0
min
0.18
SRF
( MHz )
m ax
IDC
( mA )
BN
max
700
( Ω )
RDC
TOL.
Freq.
( MHz )
BK
SIL
1st
2nd
3rd
Color Code
±20%
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.00
12.00
15.00
18.00
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
35
35
35
35
35
35
35
35
35
35
35
35
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
300.0
300.0
300.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
110.0
70.0
60.0
45.0
40.0
38.0
36.0
32.0
28.0
26.0
24.0
22.0
20.0
18.0
30.0
0.20
0.22
0.24
0.40
0.43
0.48
0.51
0.56
0.61
0.67
0.74
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.70
1.90
2.00
2.20
2.50
2.50
2.80
3.10
660
700
620
600
400
380
370
350
330
320
310
290
270
260
250
240
230
220
210
200
190
180
175
165
160
150
145
140
BN
BN
BN
R
R
O
O
Y
GN
BU
GY
BN
BU
GY
R
O
GN
Y
O
BN
BN
R
BN
BN
BN
BN
BN
R
GN
GY
R
V
O
W
V
BU
GY
R
BK
GY
R
V
BU
W
V
O
R
GY
GN
R
BK
R
GN
GY
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
SIL
GD
GD
GD
GD
GD
GD
GD
GD
GD
GD
GD
GD
BK
BK
BK
BK
AA0205R12ML□-□□□
AA0205R15ML□-□□□
AA0205R18ML□-□□□
AA0205R22ML□-□□□
AA0205R27ML□-□□□
AA0205R33ML□-□□□
AA0205R39ML□-□□□
AA0205R47ML□-□□□
AA0205R56ML□-□□□
AA0205R68ML□-□□□
AA0205R82ML□-□□□
AA02051R0KL□-□□□
AA02051R2KL□-□□□
AA02051R5KL□-□□□
AA02051R8KL□-□□□
AA02052R2KL□-□□□
AA02052R7KL□-□□□
AA02053R3KL□-□□□
AA02053R9KL□-□□□
AA02054R7KL□-□□□
AA02055R6KL□-□□□
AA02056R8KL□-□□□
AA02058R2KL□-□□□
AA0205100KL□-□□□
AA0205120KL□-□□□
AA0205150KL□-□□□
AA0205180KL□-□□□
1).□
Pckage Information
A
Bulk
B
Taping / Box
3). Test Equipment
HP4342A Q meter or equivalent
AR-001A
2). "-
":Reference code
□ □
SPECIFICATION FOR APPROVAL
PAGE: 2
REF : 20080714-A
PROD.
NAME
AXIAL INDUCTOR
ABC'S ITEM NO.
ABC'S DWG NO.
AA0205□□□□L□-□□□
±10%


Similar Part No. - AA0205R10ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0200-10-3X BARRY-AA0200-10-3X Datasheet
139Kb / 1P
   Aluminum Nitride
Rev.B 06/16/10
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
   Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
AA0200-40-3X BARRY-AA0200-40-3X Datasheet
140Kb / 1P
   Aluminum Nitride 2 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA0200-50-1X BARRY-AA0200-50-1X Datasheet
187Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
logo
YAGEO Corporation
AA0201DK-07100R YAGEO-AA0201DK-07100R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA0205R10ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com