Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL-5508-SBS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # FL-5508-SBS
Description  1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-5508-SBS Datasheet(HTML) 1 Page - Optoway Technology Inc

  FL-5508-SBS Datasheet HTML 1Page - Optoway Technology Inc FL-5508-SBS Datasheet HTML 2Page - Optoway Technology Inc FL-5508-SBS Datasheet HTML 3Page - Optoway Technology Inc FL-5508-SBS Datasheet HTML 4Page - Optoway Technology Inc FL-5508-SBS Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
FL-5500
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
1550 nm LASER DIODE MODULES
FL-5500 SERIES
UNCOOLED MQW-FP LD WITH RECEPTACLE
*******************************************************************************************************************************************************
FEATURES
1550 nm typical emission wavelength
High reliability, long operation life
High temperature operation without active cooling
Build-in InGaAs monitor
APPLICATION
Trunk Line, FitL
DESCRIPTION
FL-3500 series are designed for coupling a single mode optical fiber with 1550 nm MQW-FP uncooled
laser diode. FL-5500 series are the best kits as light sources for telecom and datacom applications.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
VOP
Operating Voltage
CW, IF=Ith+20mA
1.2
1.5
V
Pf
Optical Output Power
Part No:FL-550XX
FL-551XX
FL-552XX
FL-553XX
FL-554XX
CW, IF=Ith+20mA
0.2
0.5
1.0
2.0
3.0
0.5
1.0
2.0
3.0
-
mW
λc
Center Wavelength
CW, Ith+20mA
1520
1550
1580
nm
Δλ
Spectral Width
CW, Ith+20mA, RMS
3
nm
t r, t f
Rise And Fall Times
Part No:FL-55XX
FL-55XXS
IF=Ith, Ith+20mA,20~80%
226
150
ps
ΔPf / P f Tracking Error
APC, -40~+85 ºC
-1.0
1.0
dB
Im
PD Monitor Current
CW, Ith+20mA ,VRD=1V
100
μA
ID
PD Dark Current
VRD=5V
0.1
μA
C t
PD Capacitance
VRD=5V, f=1MHz
10
15
pF


Similar Part No. - FL-5508-SBS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-5508-SBS OPTOWAY-FL-5508-SBS Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results

Similar Description - FL-5508-SBS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-5540 OPTOWAY-FL-5540 Datasheet
114Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5500 OPTOWAY-FL-5500 Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3540 OPTOWAY-FL-3540 Datasheet
114Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-3500 OPTOWAY-FL-3500_09 Datasheet
93Kb / 5P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
DL-5500 OPTOWAY-DL-5500_09 Datasheet
94Kb / 5P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com