Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ9223C Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQ9223C
Description  3V Cellular TDMA/AMPS LNA/mixer Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9223C Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQ9223C Datasheet HTML 3Page - TriQuint Semiconductor TQ9223C Datasheet HTML 4Page - TriQuint Semiconductor TQ9223C Datasheet HTML 5Page - TriQuint Semiconductor TQ9223C Datasheet HTML 6Page - TriQuint Semiconductor TQ9223C Datasheet HTML 7Page - TriQuint Semiconductor TQ9223C Datasheet HTML 8Page - TriQuint Semiconductor TQ9223C Datasheet HTML 9Page - TriQuint Semiconductor TQ9223C Datasheet HTML 10Page - TriQuint Semiconductor TQ9223C Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TQ9223C
Data Sheet
For additional information and latest specifications, see our website:
www.triquint.com
7
Mixer S-Parameters, 3.75V
Freq (GHz)
RF IN |S11|
RF IN <S11
LO IN |S11|
LO IN <S11
0.500
0.41
-22
0.12
140
0.600
0.42
-20
0.30
59
0.700
0.42
-23
0.47
28
0.800
0.41
-26
0.57
4
0.900
0.40
-30
0.61
-16
1.000
0.39
-34
0.61
-34
1.100
0.39
-38
0.58
-50
1.200
0.37
-42
0.55
-65
1.300
0.37
-47
0.51
-80
1.400
0.36
-52
0.46
-96
1.500
0.35
-57
0.43
-113
1.600
0.34
-63
0.42
-130
1.700
0.33
-70
0.41
-146
1.800
0.32
-77
0.42
-160
1.900
0.32
-85
0.44
-172
2.000
0.32
-93
0.46
180
Mixer S-Parameters, 3.75V
Freq (GHz)
Mixer IF Out |S11|
Mixer IF Out <S11
0.045
0.988
0.6
0.085
0.983
1.8
0.125
0.981
2.8
0.165
0.981
3.8
0.205
0.980
4.8
0.255
0.981
6.0
0.295
9.981
6.9


Similar Part No. - TQ9223C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
More results

Similar Description - TQ9223C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com