Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ9222 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQ9222
Description  Dual-Band TDMA LNA/Downconverter IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9222 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQ9222 Datasheet HTML 1Page - TriQuint Semiconductor TQ9222 Datasheet HTML 2Page - TriQuint Semiconductor TQ9222 Datasheet HTML 3Page - TriQuint Semiconductor TQ9222 Datasheet HTML 4Page - TriQuint Semiconductor TQ9222 Datasheet HTML 5Page - TriQuint Semiconductor TQ9222 Datasheet HTML 6Page - TriQuint Semiconductor TQ9222 Datasheet HTML 7Page - TriQuint Semiconductor TQ9222 Datasheet HTML 8Page - TriQuint Semiconductor TQ9222 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TQ9222
Data Sheet
4
For additional information and latest specifications, see our website:
www.triquint.com
Typical Performance:
Test Conditions: TQ9222 High Band (Unless Otherwise Specified): Vdd=2.8V, Ta=25C, filter IL=2.5dB, RF=1960MHz, LO=2070MHz, IF=110MHz, LO input=-7dBm
Conversion Gain vs. Freq. vs. Temp.
15
16
17
18
19
20
1930
1940
1950
1960
1970
1980
1990
Freq (MHz)
-40 C
+25 C
+85 C
Conversion Gain vs. Vdd vs. TEMP
14
15
16
17
18
19
20
21
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
Vdd (v)
-40 C
+25 C
+85 C
IIP3 vs. Vdd vs. TEMP
-13
-12
-11
-10
-9
-8
-7
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
Vdd (v)
-40 C
+25 C
+85 C
Noise Figure vs. Freq. vs. Temp.
1
2
3
4
5
1930
1940
1950
1960
1970
1980
1990
Freq (MHz)
-40 C
+85 C
+25 C
Idd vs Freq. vs Temp.
18
20
22
24
26
1930
1940
1950
1960
1970
1980
1990
Freq (MHz)
-40 C
+25 C
+85 C
Idd vs Freq. vs Vdd
18
20
22
24
26
1930
1940
1950
1960
1970
1980
1990
Freq (MHz)
Vdd= 2.7v
Vdd= 2.8v
Vdd= 3.0v


Similar Part No. - TQ9222

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results

Similar Description - TQ9222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
   Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
   Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
TriQuint Semiconductor
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ9203 TRIQUINT-TQ9203 Datasheet
263Kb / 12P
   Low-Current Cellular Band Downconverter IC
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com