Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ9203 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQ9203
Description  Low-Current Cellular Band Downconverter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9203 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQ9203 Datasheet HTML 1Page - TriQuint Semiconductor TQ9203 Datasheet HTML 2Page - TriQuint Semiconductor TQ9203 Datasheet HTML 3Page - TriQuint Semiconductor TQ9203 Datasheet HTML 4Page - TriQuint Semiconductor TQ9203 Datasheet HTML 5Page - TriQuint Semiconductor TQ9203 Datasheet HTML 6Page - TriQuint Semiconductor TQ9203 Datasheet HTML 7Page - TriQuint Semiconductor TQ9203 Datasheet HTML 8Page - TriQuint Semiconductor TQ9203 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TQ9203
Data Sheet
For additional information and latest specifications, see our website:
www.triquint.com
3
Electrical Characteristics- Mixer section only
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
Conversion Gain
0
dB
Noise Figure
12.0
dB
Output 3rd Order Intercept
10.0
dBm
Mixer RF Return Loss
15.0
dB
Mixer LO Return Loss
10.0
dB
LO Input Power
-6.0
dBm
LO to IF Isolation
40.0
dB
LO to RF Isolation
5.0
dB
RF to IF Isolation
40.0
dB
Supply Current
4.0
mA
Note 1: Test Conditions:, Vdd=5.0V, Ta=25C, filter IL=3.0dB, RF=881MHz, LO=996MHz, IF=85MHz, LO input=-6dBm: unless otherwise specified.
-
Absolute Maximum Ratings
Parameter
Value
Units
DC Power Supply
8.0
V
RF Input Power
+10
dBm
Operating Temperature
-40 to 85
C
Storage Temperature
-55 to 150
C


Similar Part No. - TQ9203

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results

Similar Description - TQ9203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com