Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1012-823L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DC1012-823L
Description  Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DC1012-823L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DC1012-823L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
Power Inductors - DC1012 Series
Document 147
Document 147
Revised 10/31/08
These power inductors are especially effective as DC-
DC converter boost or buck inductors and as output
ripple filter chokes in all types of downsized switching
power supplies.
They are ideal for applications requiring small size, cost
effective power inductors. The vertical style helps re-
duce power supply size by saving crucial printed circuit
board area. The large inductance available per size
makes these parts ideal for all sorts of energy storage,
smoothing, and EMI reduction applications.
The Coilcraft DC1012 Series includes a wide range of
EIA standard inductance values. Custom versions are
also available.
Coilcraft Designer’s Kit P410 contains three samples of
all the standard parts shown. To order, contact Coilcraft
or visit http://order.coilcraft.com.
DCR
SRF
Part
Inductance1
max
typ
Isat2 Irms3
number
±10% (µH)
(Ohms)
(MHz)
(A)
(A)
DC1012-103L
10
0.026
35
3.5
3.5
DC1012-123L
12
0.030
25
3.2
3.2
DC1012-153L
15
0.035
18
3.0
3.0
DC1012-183L
18
0.038
15
2.8
2.8
DC1012-223L
22
0.046
13
2.5
2.5
DC1012-273L
27
0.070
12
2.5
2.2
DC1012-333L
33
0.080
11
2.2
2.0
DC1012-393L
39
0.088
10
2.1
1.8
DC1012-473L
47
0.100
9.0
1.8
1.6
DC1012-563L
56
0.15
8.0
1.6
1.4
DC1012-683L
68
0.17
7.0
1.4
1.2
DC1012-823L
82
0.20
6.0
1.2
1.2
DC1012-104L
100
0.22
5.5
1.2
1.2
DC1012-124L
120
0.29
5.0
1.2
1.0
DC1012-154L
150
0.34
4.5
1.0
0.9
DC1012-184L
180
0.38
4.0
0.9
0.8
DC1012-224L
220
0.44
3.5
0.8
0.7
DC1012-274L
270
0.62
3.25
0.7
0.7
DC1012-334L
330
0.70
3.0
0.7
0.6
1. Tested at 100 kHz, 0.1 Vrms, 0 Adc.
2. DC current at which inductance drops 10% (typ) from its value
without current.
3. Current that causes a 40°C temperature rise from 25°C ambient.
4. Ambient temperature range: –40°C to +85°C
5. Storage temperature range: Component: –40°C to +85°C
Packaging: –40°C to +80°C
6. Electrical specifications at 25°C.
max
Dash
number
0.60
15,2
max dia
0.39
10,0
dia
0.024
0,6
0.157 ±0.04
4,0 ±1,0
0.197 ±0.02
5,0 ±0,5
123
Part marking since Sept. 2007.
Parts manufactured prior to that
date may have color dots. Visit
www.coilcraft.com/colrpowr.cfm
for details.
Weight:
2.1 – 3.0 g
Terminations:
Tin-silver over tin over copper over steel
Packaging:
100 parts per tray
Dimensions are in
inches
mm


Similar Part No. - DC1012-823L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012-823L COILCRAFT-DC1012-823L Datasheet
193Kb / 2P
   Power Inductors ??DC1012 Series
More results

Similar Description - DC1012-823L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com