Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLF-3500L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DLF-3500L
Description  Data Line EMI Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DLF-3500L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DLF-3500L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Data Line EMI Filters – Leaded
Document 149
Document 149
Revised 10/04/07
These filters are designed to virtually eliminate con-
ducted EMI in data line applications. They provide
exceptional common mode noise reduction from 5 MHz
to 300 MHz while passing signal line data frequencies
below 200 MHz with minimal attenuation.
These low resistance filters feature excellent electrical
isolation, environmental stability and low cost. Optional
covers make them auto insertable. They also meet IEC
695-2-2 needle flame test requirements. There are 8, 4,
3 and 2-line versions with DC current capacity of 100 mA
(DLF X000 series) or 500 mA (DLF X500 series).
Coilcraft Designer’s Kit D303 contains four samples of
all values shown plus samples of our PDLF and CCDLF
surface mount filters. To order, contact Coilcraft or visit
http://order.coilcraft.com.
Current
DCR
Part
max
L / winding
max
Isolation
number1
Lines
(mA)
(µH)
(mOhms)
(Vrms)
DLF 8000L
8
100
28
100
300
DLF 8500L
8
500
25
45
300
DLF 4000L
4
100
28
100
300
DLF 4500L
4
500
24
45
300
DLF 3000L
3
100
28
100
300
DLF 3500L
3
500
24
45
300
DLF 2000L
2
100
28
100
300
DLF 2500L
2
500
24
45
300
1. For optional cover add “C” to part number just before the “L”: e.g. DLF 8500CL.
Not available on 3500, 4000 and 4500 parts.
2. Operating temperature range -40°C to +85°C.
3. Electrical specifications at 25°C.
Typical Response (MeasuredonanHP8753Dnetworkanalyzer.Ref:50Ohms)
8 line
8 line
0.650
16,51
0.100
2,54
0.100
2,54
0.100
2,54
0.100
2,54
0.200
5,08
0.0315
0,80
Pin 1
dia
ref
0.700
17,78
0.858
21,79
0.300
7,62
0.300
7,62
0.455
11,56
0.110 ±0.010
2,79 ±0,25
max
dia
max
0.850
21,59
0.450
11,43
0.350
8,90
0.350
8,90
0.475
12,07
0.450
11,43
0.125 ±0.020
3,18 ±0,51
0.0315
0,800
0.430
10,9
2 line
and
3 line
4 line
3 line
2 line
30
20
10
0
0.1
1
10
100
1000
Frequency (MHz)
Differential Mode
Common
Mode
DLF
X500
Common
Mode
DLF
X000
16
8
1
7
2
15
6
1
6
1
5
2
4
3
4
3
14
6
3
5
4
13 12 11 10 9
12345678
Terminations: Tin-silver over tin over phos bronze
Weight:
DLF2000: 0.74 g; DLF2500: 0.78 g
DLF3000: 0.83 g; DLF3500: 0.91 g
DLF4000: 0.95 g; DLF4500: 1.09 9
DLF8000: 1.56 g; DLF8500: 2.22 g
Dimensions are in
inches
mm


Similar Part No. - DLF-3500L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLF-18-0001 SCHURTER-DLF-18-0001 Datasheet
383Kb / 2P
   Linear Choke, flat design
DLF-18-0001 SCHURTER-DLF-18-0001 Datasheet
246Kb / 3P
   Linear Choke, flat design
DLF-18-0001 SCHURTER-DLF-18-0001 Datasheet
257Kb / 3P
   Linear Choke, flat design
04.01.2022
DLF-18-0002 SCHURTER-DLF-18-0002 Datasheet
383Kb / 2P
   Linear Choke, flat design
DLF-18-0002 SCHURTER-DLF-18-0002 Datasheet
246Kb / 3P
   Linear Choke, flat design
More results

Similar Description - DLF-3500L

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
CCDLF-10000L COILCRAFT-CCDLF-10000L Datasheet
203Kb / 2P
   SMT Data Line EMI Filters
TTDLF-2000L COILCRAFT-TTDLF-2000L Datasheet
229Kb / 2P
   SMT Data Line EMI Filters
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
   SMT Data Line EMI Filters ??PDLF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com