Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ9132B Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQ9132B
Description  3V Cellular TDMA/AMPS Power Amplifier IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9132B Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQ9132B Datasheet HTML 1Page - TriQuint Semiconductor TQ9132B Datasheet HTML 2Page - TriQuint Semiconductor TQ9132B Datasheet HTML 3Page - TriQuint Semiconductor TQ9132B Datasheet HTML 4Page - TriQuint Semiconductor TQ9132B Datasheet HTML 5Page - TriQuint Semiconductor TQ9132B Datasheet HTML 6Page - TriQuint Semiconductor TQ9132B Datasheet HTML 7Page - TriQuint Semiconductor TQ9132B Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TQ9132B
Data Sheet
2
For additional information and latest specifications, see our website:
www.triquint.com
Electrical Characteristics
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
Frequency
800
800 to 2500
2500
MHz
Supply Voltage (VDD)
3.0
5.0
6.0
V
Gain
13.5
16
dB
Noise Figure
4.1
dB
Output 1 dB Gain Compression
15.5
17
dBm
Output 3rd Order Intercept
27
dBm
Input Return Loss
12
10
dB
Output Return Loss
12
10
dB
DC Supply Current
85
100
mA
Note 1: Test Conditions: VDD = 5.0 V, Freq. = 2500 MHz, TA= 25
°C.
Note 2: . Min/max values 100% production tested
Absolute Maximum Ratings
Parameter
Value
Units
DC Power Supply
7.0
V
Power Dissipation
500
mW
Input Power
+10
dBm
Storage Temperature
-55 to 150
°C
Operating Temperature (case)
-40 to 70
°C
Thermal Resistance
135.5
o
C/W
Application/Test Circuit
TQ9132B
5
6
7
1
2
3
4
8
VDD
GND
IN
GND
GND
OUT
GND
GND
VDD
Input
Output
0.01
µF


Similar Part No. - TQ9132B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
   2-Stage AMPS Power Amplifier IC
More results

Similar Description - TQ9132B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ7625 TRIQUINT-TQ7625 Datasheet
25Kb / 1P
   3V HBT TDMA Power Amplifier IC
TQ7125 TRIQUINT-TQ7125 Datasheet
25Kb / 1P
   3V HBT TDMA Power Amplifier IC
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com