Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ8103 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQ8103
Description  622 Mb/s Clock & Data Recovery
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ8103 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQ8103 Datasheet HTML 1Page - TriQuint Semiconductor TQ8103 Datasheet HTML 2Page - TriQuint Semiconductor TQ8103 Datasheet HTML 3Page - TriQuint Semiconductor TQ8103 Datasheet HTML 4Page - TriQuint Semiconductor TQ8103 Datasheet HTML 5Page - TriQuint Semiconductor TQ8103 Datasheet HTML 6Page - TriQuint Semiconductor TQ8103 Datasheet HTML 7Page - TriQuint Semiconductor TQ8103 Datasheet HTML 8Page - TriQuint Semiconductor TQ8103 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TQ8103
For additional information and latest specifications, see our website: www.triquint.com
7
Table 7. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Nominal
Maximum
Unit
Positive supply
VCC
07
V
Negative supply
VEE
–7
0
V
Output voltage
VO
ECL
VEE – 0.5
+0.5
V
Output current
IO
ECL
40
mA
Input voltage
VI
ECL
VEE – 0.5
+0.5
V
Input current
II
ECL
–1
1
mA
Output voltage
VO
TTL
–0.5
VCC + 0.5
V
Output current
IO
TTL
20
mA
Input voltage
VI
TTL
–0.5
VCC + 0.5
V
Input current
II
TTL
–1
1
mA
Junction temperature
TJ
–55
+150
° C
Storage temperature
TS
–65
+175
° C
Power dissipation
PD
2W
Notes:
• If the device is subjected to the listed conditions, its reliability may be impaired.
• Beyond the listed conditions, the safety of the device cannot be guaranteed.


Similar Part No. - TQ8103

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
TQ8106 TRIQUINT-TQ8106 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
More results

Similar Description - TQ8103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
logo
Vitesse Semiconductor C...
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com