Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ8034 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQ8034
Description  1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ8034 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQ8034 Datasheet HTML 6Page - TriQuint Semiconductor TQ8034 Datasheet HTML 7Page - TriQuint Semiconductor TQ8034 Datasheet HTML 8Page - TriQuint Semiconductor TQ8034 Datasheet HTML 9Page - TriQuint Semiconductor TQ8034 Datasheet HTML 10Page - TriQuint Semiconductor TQ8034 Datasheet HTML 11Page - TriQuint Semiconductor TQ8034 Datasheet HTML 12Page - TriQuint Semiconductor TQ8034 Datasheet HTML 13Page - TriQuint Semiconductor TQ8034 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TQ8034
10
PRELIMINARY DATA SHEET
For additional information and latest specifications, see our website: www.triquint.com
Signal
Type
Package Grid Ref
Description
Control and Configuration
CONFIGURE
TTL Input
D22
Active High. Enables transfer of data from program latches
to configuration latches.
LOAD
TTL Input
C23
Active High. Enables program latches to accept new input
address data based upon which output(s) are selected using
OADD inputs.
MODE0
TTL Input
Y22
Program mode select LSB
MODE1
TTL Input
AA23
Program mode select MSB
Input Address Control
IADD0
TTL Input
E21
Input address LSB
IADD1
TTL Input
D23
Input address
IADD2
TTL Input
E22
Input address
IADD3
TTL Input
F21
Input address
IADD4
TTL Input
G20
Input address
IADD5
TTL Input
E23
Input address MSB
Output Address Control
Sequential
Multicast
OADD0
TTL Input
F22
Output address LSB
Output select Bit 0
OADD1
TTL Input
G21
Output address
Output select Bit 1
OADD2
TTL Input
H20
Output address
Output select Bit 2
OADD3
TTL Input
G22
Output address
Output select Bit 3
OADD4
TTL Input
H21
Output address
Output select Bit 4
OADD5
TTL Input
H22
Output address MSB
Output select Bit 5
OADD6
TTL Input
J21
N/A
Output select Bit 6
OADD7
TTL Input
J22
N/A
Output select Bit 7
OADD8
TTL Input
K20
N/A
Output select Bit 8
OADD9
TTL Input
K21
N/A
Output select Bit 9
OADD10
TTL Input
K23
N/A
Output select Bit 10
OADD11
TTL Input
L20
N/A
Output select Bit 11
OADD12
TTL Input
L21
N/A
Output select Bit 12
OADD13
TTL Input
L22
N/A
Output select Bit 13
OADD14
TTL Input
M22
N/A
Output select Bit 14
OADD15
TTL Input
M21
N/A
Output select Bit 15
OADD16
TTL Input
N23
N/A
Output select Bit 16
OADD17
TTL Input
N22
N/A
Output select Bit 17
OADD18
TTL Input
N20
N/A
Output select Bit 18
OADD19
TTL Input
P23
N/A
Output select Bit 19
OADD20
TTL Input
P22
N/A
Output select Bit 20
OADD21
TTL Input
P21
N/A
Output select Bit 21
OADD22
TTL Input
R22
N/A
Output select Bit 22
OADD23
TTL Input
R21
N/A
Output select Bit 23
OADD24
TTL Input
T22
N/A
Output select Bit 24
OADD25
TTL Input
T21
N/A
Output select Bit 25
OADD26
TTL Input
U23
N/A
Output select Bit 26
Table 7. Pin Descriptions


Similar Part No. - TQ8034

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
More results

Similar Description - TQ8034

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
   3.2 Gbit/sec 68x68 Crosspoint Switch
logo
TriQuint Semiconductor
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
   34x34 Crosspoint Switch with Signal Detection
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
   1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8017 TRIQUINT-TQ8017 Datasheet
178Kb / 8P
   1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com