Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ8034 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQ8034
Description  1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ8034 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQ8034 Datasheet HTML 4Page - TriQuint Semiconductor TQ8034 Datasheet HTML 5Page - TriQuint Semiconductor TQ8034 Datasheet HTML 6Page - TriQuint Semiconductor TQ8034 Datasheet HTML 7Page - TriQuint Semiconductor TQ8034 Datasheet HTML 8Page - TriQuint Semiconductor TQ8034 Datasheet HTML 9Page - TriQuint Semiconductor TQ8034 Datasheet HTML 10Page - TriQuint Semiconductor TQ8034 Datasheet HTML 11Page - TriQuint Semiconductor TQ8034 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TQ8034
8
PRELIMINARY DATA SHEET
For additional information and latest specifications, see our website: www.triquint.com
Figure 3. Multicast Configuration (User Defined Input Address; MODE0 = 1, MODE1 = 0)
Data Valid
Figure 4. Multicast Configuration (Default Input Address; MODE0 = 1, MODE1 = 1)
Input Address
[IADD0:5]
tsar[IADD]
thar
tpwl
tsar[OADD]
tldl
tldh
tpwc
Outputs Selected for Multicast
Valid Address
12345
12345
12345
12345
1234
1234
1234
1234
12345678901
12345678901
12345678901
12345678901
tdcf
Data Valid
tpd
Output Address
[OADD0:33]
LOAD
CONFIG
IN(0:33)
OUT(0:33)
** Data remains valid on outputs with unchanged configuration
tthar
tpwl
tsar[OADD]
tldl
tldh
tpwc
Outputs Selected for Pass-through
123456
123456
123456
123456
123456
123456
123456
123456
123456
123456
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
tdcf
tpd
Output Address
[OADD0:33]
LOAD
CONFIG
IN(0:33)
OUT(0:33)
** Data remains valid on outputs with unchanged configuration


Similar Part No. - TQ8034

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
More results

Similar Description - TQ8034

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
   3.2 Gbit/sec 68x68 Crosspoint Switch
logo
TriQuint Semiconductor
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
   34x34 Crosspoint Switch with Signal Detection
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
   1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8017 TRIQUINT-TQ8017 Datasheet
178Kb / 8P
   1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com