Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90-48 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 90-48
Description  Axial Lead Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

90-48 Datasheet(HTML) 1 Page - Coilcraft lnc.

  90-48 Datasheet HTML 1Page - Coilcraft lnc. 90-48 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Axial Lead Chokes – 90 Series
Document 115-1
Document 115-1
Revised 12/31/06
Coilcraft’s axial lead chokes are totally encapsulated in a
durable epoxy coating. Their low cost compared to molded
type chokes makes them particularly attractive to high
volume users. Coilcraft chokes are available in the stan-
dard values listed here as well as in custom values to meet
your specific requirements.
125
100
75
50
25
0
0.2
1
10
100
Frequency (MHz)
0.118
2,997
0.300
7,62
2.52 ±0.080
64 ±2,03
max dia
max
24 AWG tinned copper
1000 µH
150 µH
68 µH
22 µH
10 µH
3.3 µH
2.2 µH
0.10 µH
0.22 µH
0.47 µH
1.0 µH
Significant digit / Decimal point
Significant digit / Multiplier
Significant digit / Decimal point
Tolerance
Features
No molding stress to break wire
10% inductance tolerance standard, 5%
available
Temperature coefficient compatible with
N030-N080 capacitors through part
number 90-30
Standard EIA color coding
Significant savings for high volume users
Available bulk packed in conventional tape
and reel or “ammo packs.” Custom lead
forming also available
Offered in 49 standard values or in custom
values
Typical Q vs Frequency
Black
= 0
Brown = 1
Red
= 2
Orange = 3
Yellow = 4
Green = 5
Blue
= 6
Violet = 7
Gray = 8
White = 9
Gold = Decimal point
Tolerance: Silver = 10%
Gold = 5%
Notes:
A gold stripe in the 1st or 2nd
location represents a decimal point.
When a decimal point is used, there
is no multiplier.
The inductance value indicated is in
microHenries.
Color Coding – Inductance in μH
Weight:
171 – 201 mg
This series was discontinued on
December31,2006.AnRoHS-compliant
version will not be made.


Similar Part No. - 90-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
90-486 ETC2-90-486 Datasheet
228Kb / 2P
   HEAVY-DUTY ENCLOSED FAN RELAYS
More results

Similar Description - 90-48

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-45-124L COILCRAFT-PCH-45-124L Datasheet
258Kb / 3P
   Axial Lead Power Chokes - PCH-27, 45
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
AVC40I ALLIED-AVC40I Datasheet
849Kb / 1P
   Axial Varnished Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com