Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ8032 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQ8032
Description  800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ8032 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TQ8032 Datasheet HTML 1Page - TriQuint Semiconductor TQ8032 Datasheet HTML 2Page - TriQuint Semiconductor TQ8032 Datasheet HTML 3Page - TriQuint Semiconductor TQ8032 Datasheet HTML 4Page - TriQuint Semiconductor TQ8032 Datasheet HTML 5Page - TriQuint Semiconductor TQ8032 Datasheet HTML 6Page - TriQuint Semiconductor TQ8032 Datasheet HTML 7Page - TriQuint Semiconductor TQ8032 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TQ8032
For additional information and latest specifications, see our website: www.triquint.com
8
Figure 7. Mechanical Dimensions
Bottom View (marking up)
LID
CHIP CAPACITOR, 4 PLACES
A
A
TQ8032-M
XXXX
YYWW
LOT CODE
DATE CODE
Top View (marking down)
1. Part is symmetrical about the center axes.
2. Centerline bisects center pin in both directions.
3. See pad detail below.
0.775
± .003
PIN 1
INDEX
0.600
49
1
99
147
196
148
98
50
0.675
± .0035
0.011
PIN WIDTH
0.450
± .0025
0.015
0.010
0.088
0.715
0.025
centers
C
L
C
L
C
L
C
L
PAD LAYOUT DETAIL
Ordering Information
TQ8032-M
800 Mb/s 32x32 ECL Crosspoint Switch
Additional Information
For latest specifications, additional product information,
worldwide sales and distribution locations, and information about TriQuint:
Web: www.triquint.com
Tel: (503) 615-9000
Email: sales@tqs.com
Fax: (503) 615-8900
For technical questions and additional information on specific applications:
Email: applications@tqs.com
The information provided herein is believed to be reliable; TriQuint assumes no liability for inaccuracies or
omissions. TriQuint assumes no responsibility for the use of this information, and all such information
shall be entirely at the user's own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party.
TriQuint does not authorize or warrant any TriQuint product for use in life-support devices and/or systems.
Copyright © 1997 TriQuint Semiconductor, Inc. All rights reserved.
Revision 1.1.A
November 1997
Section A-A
DEVICE
.125
SEATING PLANE
.064
.060
HEAT SPREADER


Similar Part No. - TQ8032

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
More results

Similar Description - TQ8032

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
   1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Intersil Corporation
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Intersil Corporation
ISL59532 INTERSIL-ISL59532_07 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
TriQuint Semiconductor
TQ8017 TRIQUINT-TQ8017 Datasheet
178Kb / 8P
   1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
   3.2 Gbit/sec 68x68 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com