Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1062-BL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # C1062-BL
Description  PFC Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C1062-BL Datasheet(HTML) 2 Page - Coilcraft lnc.

  C1062-BL Datasheet HTML 1Page - Coilcraft lnc. C1062-BL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
PFC Coils for ON Semiconductor NCP1653
Specifications subject to change without notice.
Please check our website for latest information.
Document 444-2
Document 444-2
Revised 01/05/09
1
12
67
1
Recommended
PC Layout
1.450
36,80
max
1.450
36,80
max
1.170
29,70
max
0.150 ±0.030
3,81 ±0,76
0.0346 ±0.0005
0,879 ±0,013
0.875
22,20
0.875
22,20
0.200
5,08
0.150
3,81
Ø
0.058
1,47
1.00
25,40
1.20
30,48
0.200
5,08
1
1.50
38,10
max
1.210
30,73
max
0.115 ±0.015
3,30 ±0,33
1.00
25,40
Recommended
PC Layout
0.062
1,58
Ø
1
7
1.80
45,72
max
0.029
0,74
1
6
1
7
C1061-AL
C1062-BL
70
60
50
40
30
20
0
10
Current (A rms)
1
03
4
25
Typical Temperature Rise vs Current
Weight: 64.5 g
Packaging: 75 per tray
Weight: 105.7 g
Packaging: 50 per tray


Similar Part No. - C1062-BL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C1062-BL COILCRAFT-C1062-BL Datasheet
177Kb / 2P
   PFC Coils
More results

Similar Description - C1062-BL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C1061 COILCRAFT-C1061_13 Datasheet
177Kb / 2P
   PFC Coils
logo
TDK Electronics
PFC2723ER-601K02B-00 TDK-PFC2723ER-601K02B-00 Datasheet
216Kb / 3P
   Choke Coils for PFC
PFC3514QM-231K06B-00 TDK-PFC3514QM-231K06B-00 Datasheet
239Kb / 3P
   Choke Coils for PFC
PFC3514QM-351K04B-00 TDK-PFC3514QM-351K04B-00 Datasheet
238Kb / 3P
   Choke Coils for PFC
PFC3519QM-231K07B-50 TDK-PFC3519QM-231K07B-50 Datasheet
235Kb / 3P
   Choke Coils for PFC
PFC4124QM-151K11D-00 TDK-PFC4124QM-151K11D-00 Datasheet
229Kb / 3P
   Choke Coils for PFC
PFC3525ER-301K04E-00 TDK-PFC3525ER-301K04E-00 Datasheet
199Kb / 3P
   Choke Coils for PFC
PFC3819QM-181K09B-50 TDK-PFC3819QM-181K09B-50 Datasheet
234Kb / 3P
   Choke Coils for PFC
PFC3831QN-351K08B-00 TDK-PFC3831QN-351K08B-00 Datasheet
199Kb / 3P
   Choke Coils for PFC
PFC3318QM-601K03B-00 TDK-PFC3318QM-601K03B-00 Datasheet
236Kb / 3P
   Choke Coils for PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com