Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ8016 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQ8016
Description  1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ8016 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQ8016 Datasheet HTML 1Page - TriQuint Semiconductor TQ8016 Datasheet HTML 2Page - TriQuint Semiconductor TQ8016 Datasheet HTML 3Page - TriQuint Semiconductor TQ8016 Datasheet HTML 4Page - TriQuint Semiconductor TQ8016 Datasheet HTML 5Page - TriQuint Semiconductor TQ8016 Datasheet HTML 6Page - TriQuint Semiconductor TQ8016 Datasheet HTML 7Page - TriQuint Semiconductor TQ8016 Datasheet HTML 8Page - TriQuint Semiconductor TQ8016 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TQ8016
For additional information and latest specifications, see our website: www.triquint.com
3
Figure 1. TQ8016 Architecture
Table 1. Pin Descriptions
Pin Name
Levels
Description
D0–D15
ECL
Differential Data Inputs
D0–D15
ECL
Differential Data Inputs
D0–D15
ECL
Differential Data Inputs
O0–O15
ECL
Differential Data Outputs
O0–O15
ECL
Differential Data Outputs
IA0–IA3
CMOS
Input Address
OA0–OA3
CMOS
Output Address
CONFIGURE
CMOS
Switch Reconfiguration
DATA
OUT 15
(O15)
5
RESET
OUTPUT
SELECT ADDRESS
(OA0:3)
Input
Buffers
DATA
OUT 0
(O0)
Configuration
Register
Program Register
CONFIGURE
LOAD
4
16 X 1-BIT
MULTIPLEXER
16 X 1-BIT
MULTIPLEXER
.
.
.
.
.
.
.
.
.
.
.
.
DATA IN 0
(I0)
DATA IN 15
(I15)
4
INPUT ADDRESS
(IA0:3)
4:16
DECODE


Similar Part No. - TQ8016

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
   1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8017 TRIQUINT-TQ8017 Datasheet
178Kb / 8P
   1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch
More results

Similar Description - TQ8016

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
   1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
TQ8017 TRIQUINT-TQ8017 Datasheet
178Kb / 8P
   1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com