Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCS-802JL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part No. BCS-802JL
Description  Broadband Conical Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COILCRAFT [Coilcraft lnc.]
Homepage  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BCS-802JL Datasheet(HTML) 1 Page - Coilcraft lnc.

  BCS-802JL Datasheet HTML 1Page - Coilcraft lnc. BCS-802JL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Broadband Conical Inductors
Document 334-1
Document 334-1
Revised 10/30/08
DCR
Part number
Inductance2
max
Irms3
Surface mount1
Flying lead
±5% (µH)
(Ohms) (mA)
BCS-531JL_
BCL-531JL
0.53
0.15
830
BCS-122JL_
BCL-122JL
1.2
1.05
200
BCS-652JL_
BCL-652JL
6.5
0.70
510
BCS-802JL_
BCL-802JL
8.0
3.39
150
Coilcraft’s conical inductors are designed specifically for
broadband and high frequency applications. This single
component operates as a series of narrow-band induc-
tors throughout an operating frequency range of 10 MHz
to 40 GHz.
These conical inductors are ideal for use in ultra-wide-
band bias T’s. In this application, the conical inductor
provides the path for the DC bias injection or extraction
while isolating the power source from the active device.
The BCL versions are supplied with “flying leads” that
allow adjustment of the mounting angle. Each surface
mount BCS inductor has a self positioning mounting
bracket.
To request evaluation samples, contact Coilcraft.
Insertion Loss (BCL and BCS)
Response curves measured in a bias tee
configuration with an Agilent/HP 8722ES
network analyzer.
Return Loss (BCL and BCS)
0
0.5
1.0
1.5
2.0
2.5
0.05
10
20
30
40
Frequency (GHz)
-802
-652
-122
-531
0
10
20
30
40
50
0.05
10
20
30
40
Frequency (GHz)
-802
-652
-122
-531
1. When ordering, please specify packaging code:
BCS-802JL
C
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic tape
(BCS-122JL: 500 parts per full reel;
BCS-531JL and BCS-802JL: 300 parts per full reel;
BCS-652JL: 200 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance measured at 10 MHz, 0.1 Vrms, 0 Adc using an Agilent/
HP 16092A fixture in an Agilent/HP 4291A impedance analyzer.
3. Current that causes a 40°C temperature rise from 25°C ambient.
4. Ambient temperature range: –40°C to +85°C
5. Storage temperature range: Component: –40°C to +85°C
Packaging: –40°C to +80°C
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Port 1
1
2
Port 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn