Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA200-25B Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TA200-25B
Description  10 BASE-T ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TA200-25B Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TA200-25B_1 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10 BASE-T ISOLATION TRANSFORMER
P/N:TA200-25B DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A6(02/06)
Feature
l
Low profile package 16 PIN DIP package to meet IEEE
802.3&10-BASE T specification.
l
Low leakage inductance and winding capacitances for fast
rise time.
l
High isolation voltages to comply with international safety
requirements for LANS.
l
Operating temperature range: 0°C to +70°C.
l
Storage temperature range: -25°C to +125 °C.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
OCL
(uH Min)
Leakage Inductance
(ì H Max)
Part
Number
1-3:16- 14
6-8:11- 9
1-3/6- 8
1-3/6- 8
CW/W
(pFMax)
TA200- 25B
1CT:1CT
1CT:2.5CT
200/35
0.4
15
Continue
DCR
(Ù Max)
Part
Number
1-3/6- 8
Insulation resistance
(MÙ)
HI- POT
(Vrms)
TA200- 25B
0.5
10,000
2000
Schematic
Mechanical


Similar Part No. - TA200-25B_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TA200-25B BOTHHAND-TA200-25B Datasheet
281Kb / 1P
   10 BASE-T NETWORK COMPONENTS
More results

Similar Description - TA200-25B_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS090A BOTHHAND-TS090A Datasheet
282Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
S5018 BOTHHAND-S5018 Datasheet
91Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
TS7010R BOTHHAND-TS7010R Datasheet
285Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPE6064G PCA-EPE6064G Datasheet
25Kb / 1P
   10 Base-T Isolation Transformer
logo
Bothhand USA, LP.
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPE6153G PCA-EPE6153G Datasheet
22Kb / 1P
   10 Base-T Isolation Transformer
EPE6375S PCA-EPE6375S Datasheet
27Kb / 1P
   10 Base-T Isolation Transformer
EPE6380S PCA-EPE6380S Datasheet
28Kb / 1P
   10 Base-T Isolation Transformer
logo
Bothhand USA, LP.
TS2023A BOTHHAND-TS2023A Datasheet
188Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
TS7010B BOTHHAND-TS7010B Datasheet
408Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com