Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DL-53X8AC-CXX0 Datasheet(PDF) 4 Page - Optoway Technology Inc

Part No. DL-53X8AC-CXX0
Description  Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOWAY [Optoway Technology Inc]
Homepage  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-53X8AC-CXX0 Datasheet(HTML) 4 Page - Optoway Technology Inc

  DL-53X8AC-CXX0 Datasheet HTML 1Page - Optoway Technology Inc DL-53X8AC-CXX0 Datasheet HTML 2Page - Optoway Technology Inc DL-53X8AC-CXX0 Datasheet HTML 3Page - Optoway Technology Inc DL-53X8AC-CXX0 Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
DL-53X8AC-CXX0
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2008/6/1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn