Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5M31 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TQ5M31
Description  3V Downconverter Mixer IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5M31 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TQ5M31 Datasheet HTML 7Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 8Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 9Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 10Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 11Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 12Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 13Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 14Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TQ5M31
Data Sheet
For additional information and latest specifications, see our website:
www.triquint.com
11
ISM Band: IIP3 vs. LO Drive Level vs. Frequency
7
7.5
8
8.5
9
9.5
10
10.5
11
2400
2420
2440
2460
2480
Frequency (MHz)
PLO=-1dBm
PLO=-4dBm
PLO=-7dBm
ISM Band: Conversion Gain vs. Vdd vs. Frequency
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2400 2410 2420 2430 2440 2450 2460 2470 2480
Frequency (MHz)
Vdd=1.8V
Vdd=2.8V
Vdd=3.8V
Vdd=4.8V


Similar Part No. - TQ5M31

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5M31J TRIQUINT-TQ5M31J Datasheet
1Mb / 16P
   TQ5M31J
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results

Similar Description - TQ5M31

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
logo
Agilent(Hewlett-Packard...
IAM-91563 HP-IAM-91563 Datasheet
198Kb / 16P
   0.8-6 GHz 3V Downconverter
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com