Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4308TC-715XJL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 4308TC-715XJL
Description  RFID Transponder Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

4308TC-715XJL Datasheet(HTML) 1 Page - Coilcraft lnc.

  4308TC-715XJL Datasheet HTML 1Page - Coilcraft lnc. 4308TC-715XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
RFID Transponder Coils – 4308TC
Document 223-1
Document 223-1
Revised 02/09/05
Coilcraft’s family of antenna coils are rugged, high perfor-
mance devices intended for RFID applications at 125 kHz.
These low profile parts have an extended length that allows
longer read ranges and higher sensitivity. The coil is
constructed of ferrite laminated onto a ceramic base, which
makes it more rugged and impact resistant than all-ferrite
constructions. An encapsulated top ensures reliable pick
and place operations.
In addition to the standard models shown, Coilcraft can
design transponder coils designed to operate at other
frequencies.
Inductance1
Read
Matching
@125 kHz
distance3
capacitor4
DCR max5
SRF min6
Part Number1
±5% (mH)
Q min2
(inches/cm)
(pF)
(Ohms)
(kHz)
Color code
4308TC-404XJL_
0.40
15
20/52
4000
7.4
4500
Yellow Black Yellow
4308TC-904XJL_
0.90
15
26/67
1800
22
4000
White Black Yellow
4308TC-115XJL_
1.08
15
27/70
1500
25
4000
Brown Brown Green
4308TC-205XJL_
1.97
17
31/80
820
34
2400
Red Black Green
4308TC-245XJL_
2.38
17
32/83
680
39
2200
Red Yellow Green
4308TC-335XJL_
3.30
17
35/90
490
51
1800
Orange Orange Green
4308TC-415XJL_
4.15
17
35/90
390
74
1700
Yellow Brown Green
4308TC-495XJL_
4.90
17
36/91
330
96
1300
Yellow White Green
4308TC-685XJL_
6.80
17
37/95
240
112
1000
Blue Gray Green
4308TC-715XJL_
7.10
17
38/97
220
115
1000
Violet Brown Green
4308TC-815XJL_
8.10
17
37/95
200
123
960
Gray Brown Green
1. When ordering, please specify packaging code:
4308TC-815XJL
D
Packaging: D =13
″ machine-ready reel. EIA-481 embossed plastic tape (3000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter D instead.
2. Inductance and Q measured using Agilent/HP 4192A impedance analyzer. For recommended test procedures, contact Coilcraft.
3. Read distance measured using the KEELOQ® Transponder Evaluation Kit part number DM303005 from Microchip. Distance was recorded as the
voltage across the resonant circuit dropped below 10 mV.
4. Matching capacitor value required for parallel resonant circuit operating at 125 kHz.
5. DCR measured on micro-ohmmeter.
6. SRF measured using Agilent/HP 8753D network analyzer.
7. Operating temperature range
−40°C to +85°C.
8. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
NOTE: This product has been replaced by the 4308RV
series. The new series is footprint compatible and offers
better read distances and an expanded temperature
range.


Similar Part No. - 4308TC-715XJL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
More results

Similar Description - 4308TC-715XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
   RFID Transponder Coils - 5315TC
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
   Chip RFID Transponder Coils
logo
Coilcraft lnc.
4312RV-905XGLB COILCRAFT-4312RV-905XGLB Datasheet
122Kb / 2P
   RFID Transponder Coils - 4312RV
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
   Z-Axis RFID Transponder Coils
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
   Surface Mount RFID Transponder Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com