Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5631 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQ5631
Description  3V PCS Band CDMA RFA/Mixer IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5631 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQ5631 Datasheet HTML 4Page - TriQuint Semiconductor TQ5631 Datasheet HTML 5Page - TriQuint Semiconductor TQ5631 Datasheet HTML 6Page - TriQuint Semiconductor TQ5631 Datasheet HTML 7Page - TriQuint Semiconductor TQ5631 Datasheet HTML 8Page - TriQuint Semiconductor TQ5631 Datasheet HTML 9Page - TriQuint Semiconductor TQ5631 Datasheet HTML 10Page - TriQuint Semiconductor TQ5631 Datasheet HTML 11Page - TriQuint Semiconductor TQ5631 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TQ5631
Data Sheet
8
For additional information and latest specifications, see our website: www.triquint.com
tuning inductor which provides a potential ground loop path.
One could use the evaluation board as an example of proper
layout techniques.
It is important to position the LO tuning and the GIC components
as close to the chip as possible. If the components are placed
too far from the chip the PC board traces can act as quarter
wave resonators in the 5-10GHz region. If both the GIC and the
LO paths to ground resonate at the same frequency, oscillation
can result, especially if Q is very high.
It is most important that the ground on the GIC bypass cap, the
LO tuning bypass capacitor, and the IF shunt cap return back to
chip pins 1 and 2 with minimal inductance. This requires that
ground returns utilize vias at a number of locations.
Solid grounding of the LO tuning inductor and bypass capacitor
will result in higher tuning circuit Q. The higher the Q, the
greater the LO drive to the mixer will be and IIP3 performance
will also improve with higher Q.
LO Buffer Tuning
Because of the broadband input match of the L0 buffer amplifier,
thermal and induced noise at other frequencies can be amplified
and injected directly into the L0 port of the mixer. Noise at the IF
frequency, and at L0 +/- IF will be downconverted and emerge
at the IF port, degrading the downconverter noise figure.
For maximum flexibility the high band TQ5631 device has the
output node of the L0 buffer amplifier brought out to Pin 6. By
connecting an external inductor between the pin and Vdd, LO
tuning can be varied. This inductor is selected to resonate with
internal capacitance at the L0 frequency in order to roll off out-
of-band gain and improve noise performance. This approach
allows selectivity in the L0 buffer amplifier along with the ability
to use the TQ5631 with multiple IF’s.
Calculation of Nominal L Value
The proper inductor value must be determined during the design
phase. The internal capacitance at Pin 6 is approximately 1.6
pF. Stray capacitance on the board surrounding Pin 6 will add to
the internal capacitance, so the nominal value of inductance can
be calculated, but must be confirmed with measurements on a
board approximating the final layout (see Figure 2).
Additionally, there is already approximately 1.3nH of inductance
from the die out to the pin which much be subtracted off of the
needed inductance value.
1
2
8
7
6
5
3
4
LO IN
GND
GIC
IF
LO/C3
VDD
LO TUNE
VDD
IF GAIN
SELECT, C3
RF
IN
GND
NETWORK
ANALYZER
PORT 1
MEASURE S21
COAXIAL
PROBE
Figure 2 LO Tuning Setup
The inductor is selected that would resonate with the total
capacitance at the L0 frequency using the following equation:
1
L = ---------------- - 1.3nH
where C=1.6pF
C (2*pi*F)2
To fine tune the LO, two methods have been proven to work
well:
a) Select the inductance (next standard value) which is higher
than the calculated value derived from the equation above.
Then select a bypass capacitor that forms a resonant
circuit with the inductor. The bypass capacitor can be used
to fine tune the resonant frequency.
b) The second method relies on moving the bypass capacitor
relative to the tuning inductor. This varies the amount of
inductance in the circuit and provides a means to fine tune
the LO. This method is utilized on the test boards.


Similar Part No. - TQ5631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results

Similar Description - TQ5631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
RF Micro Devices
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
   3V CDMA/FM MIXER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com