Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS0603X7R104B100NRB Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CS0603X7R104B100NRB
Description  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS0603X7R104B100NRB Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CS0603X7R104B100NRB Datasheet HTML 1Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 2Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 3Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 4Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 5Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 6Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 7Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 8Page - SAMWHA ELECTRIC CS0603X7R104B100NRB Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Introduction
SAMWHA's series of multilayer ceramic(MLC) chip capacitors is designed to meet a wide variety of need.
Multilayer ceramic chip capacitors are available in both class I and class II formulations. Temperature
compensation formulations are class I and temperature stable and general application formulations are
classified at class II. The class I multilayer ceramic capacitors are COG with negligible dependence of
electrical properties on temperature, voltage, frequency. The most of commonly used class II dielectric are
X7R, X5R and Y5V. The X7R provides intermediate capacitance values which vary ±15% over the
temperature range of -55℃ to 125℃. The X5R provides intermediate capacitance values which vary ±15%
over the temperature range of -55℃ to 85℃. The Y5V provides the highest capacitance value which vary
from 22% to -82% over the temperature range of -30℃ to 85℃. All class II capacitors vary in capacitance
value under the influence of temperature, operating voltage and frequency. We offer a complete line of
products for both class I and II .
Features
Samwha’s high density ceramic bodies offer superior performance and reliability
Samwha offer various temperature characteristics, rated voltage and packing method
Material with high dielectric constant and superior manufacturing technology allows very high values
in a small size
Solder coated terminals offer superior solderability
Applications
Wide applications throughout commercial and industrial market.
Communication products like Cellular Phone, Pager, Codeless phone
Multimedia products like DVD, CD-ROM, FDD, HDD, Game machine, Computer, Note book,
Digital camera, LCD
Audio visual products like TV, Camcorder, Minidisk, MP3 Player
Communication products like Electronic tuner, Duplexer, VCXO, TCXO, Modem
OA equipment products like Printer, Copy Machine, Fax Machine
SAMWHA CAPACITOR Co., Ltd.
4
Multi Layer Ceramic Capacitors
SMD Type
Multi Layer Ceramic Capacitors
5
Shape & Dimensions
Dimensions
Code(inch)
Length
Width
L
Tol(±)
W
Tol(±)
T1(min)
0603(0201)
0.60
0.03
0.30
0.03
0.05
1005(0402)
1.00
0.05
0.50
0.05
0.05
1608(0603)
1.60
0.15
0.80
0.10
0.10
2012(0805)
2.00
0.20
1.25
0.15
0.10
3216(1206)
3.20
0.30
1.60
0.20
0.15
3225(1210)
3.20
0.40
2.50
0.25
0.15
4520(1808)
4.50
0.40
2.00
0.25
0.20
4532(1812)
4.50
0.40
3.20
0.30
0.20
5750(2300)
5.70
0.50
5.00
0.40
0.30
(Unit : mm)
CS 1608 X7R 104 K 160 N R B
How to Order(Product Identification)
Type
CS : SMD
SA : ARRAY
Size Code
This is expressed in tens of a millimeter.
The first two digits are the length, the last two digits are width.
Size(mm)
0603
1005
1608
2012
3216
3225
4520
4532
5750
SMD Type
*1608 Size ≥ 10㎌⇒ W : 0.8±0.15, T : 0.8±0.15
Temperature Coefficient Code
Temperature
Temperature
Capacitance Change or
Operating
Characteristice
Range
Temperature Coefficient
Temperature Range
C0G
-55 to 125℃
0±30ppm/℃-55 to 125℃
X7R
-55 to 125℃±15%
-55 to 125℃
X5R
-55 to 85℃±15%
-55 to 85℃
Y5V
-30 to 85℃+22, -82%
-30 to 85℃


Similar Part No. - CS0603X7R104B100NRB

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS0603 PREMO-CS0603 Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-100++ PREMO-CS0603-100+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-101++ PREMO-CS0603-101+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-110++ PREMO-CS0603-110+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-111++ PREMO-CS0603-111+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
More results

Similar Description - CS0603X7R104B100NRB

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com