Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5131 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQ5131
Description  3V Cellular Band CDMA/AMPS RFA/Mixer IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5131 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQ5131 Datasheet HTML 1Page - TriQuint Semiconductor TQ5131 Datasheet HTML 2Page - TriQuint Semiconductor TQ5131 Datasheet HTML 3Page - TriQuint Semiconductor TQ5131 Datasheet HTML 4Page - TriQuint Semiconductor TQ5131 Datasheet HTML 5Page - TriQuint Semiconductor TQ5131 Datasheet HTML 6Page - TriQuint Semiconductor TQ5131 Datasheet HTML 7Page - TriQuint Semiconductor TQ5131 Datasheet HTML 8Page - TriQuint Semiconductor TQ5131 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TQ5131
Data Sheet
2
For additional information and latest specifications, see our website: www.triquint.com
Electrical Characteristics
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
RF Frequency
Cellular band
869
881
894
MHz
IF Frequency Range
High side LO
85
130
MHz
CDMA Mode-High Gain
Gain
13.0
15.0
dB
Noise Figure
4.5
5.5
dB
Input IP3
0
2.5
dBm
Supply Current
15.0
18.0
mA
CDMA Mode-High Gain Low Linearity
Gain
14.0
17.0
dB
Noise Figure
4.5
5.5
dB
Input IP3
-1.0
dBm
Supply Current
15.0
mA
CDMA Mode-Mid Gain
Gain
1.0
3.5
dB
Noise Figure
11.0
dB
Input IP3
13.5
dBm
Supply Current
10.5
mA
CDMA Mode-Low Gain
Gain
5.0
7.0
dB
Noise Figure
10.0
dB
Input IP3
10.0
dBm
Supply Current
10.5
mA
AMPS Mode
Gain
9.5
12.0
dB
Noise Figure
5.0
6.0
dB
Input IP3
-5.0
-3.0
dBm
Supply Current
9.0
12.5
mA
Supply Voltage
2.8
V
Note 1: Test Conditions: Vdd=2.8V, RF=881MHz, LO=966MHz, IF=85MHz, TC = 25
° C, Min/Max limits are at +25°C case temperature, unless otherwise specified.
Absolute Maximum Ratings
Parameter
Value
Units
DC Power Supply
5.0
V
Power Dissipation
500
mW
Operating Temperature
-40 to 85
C
Storage Temperature
-60 to 150
C
Signal level on inputs/outputs
+20
dBm
Voltage to any non supply pin
+0.3
V


Similar Part No. - TQ5131

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5139 TRIQUINT-TQ5139 Datasheet
263Kb / 16P
   2.8V SiGe Dual-Mode CDMA Rx Receiver
More results

Similar Description - TQ5131

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com