Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280DH2LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 280DH2LP11000
Description  DC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

280DH2LP11000 Datasheet(HTML) 1 Page - ETRI

  280DH2LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
Additional versions:
Sleeve bearings: consult factory
Series 380D (refer to page 6)
280DL5LP11000
5
2,6
25
5000
0,70
(4,5-5,5)
X
-10
70
24
4,0
33
7600
1,68
(14-27,6)
X
-10
70
280DS1LP11000
12
4,4
36
8400
1,92
(7-13,8)
X
-10
70
280DS2LP11000
24
4,4
36
8400
2,16
(14-27,6)
X
-10
70
2,6
25
5000
0,72
(7-13,8)
X
-10
70
2,6
25
5000
1,20
(14-27,6)
X
-10
70
,3
30
6300
1,10
(4,5-5,5)
X
-10
70
3,3
30
6300
1,08
(7-13,8)
X
-10
70
,3
30
6300
1,44
(14-27,6)
X
-10
70
5
4,0
33
7600
2,00
(4,5-5,5)
X
-10
70
4,0
33
7600
1,44
(7-13,8)
X
-10
70
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
280DL1LP11000
12
280DL2LP11000
24
280DM5LP11000
5
3
280DM1LP11000
12
280DM2LP11000
24
3
280DH5LP11000
280DH1LP11000
12
280DH2LP11000
Connection type
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
280DL
280DM
280DH
280DS
Accessories:
Refer to Accessories leaflet
DC Axial Fans
Life expectancy
L-10 LIFE AT 40°C:
80 000 hours
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected
Housing material: plastic UL 94 VO
Impeller material: plastic UL 94 VO
Weight: 33 g
Bearing system: ball bearings
Available with:
- Speed sensor
- Alarm
- IP54 / IP55
40x40x20mm
1,575’’ x 1,575” x 0,787’’
280D
Series


Similar Part No. - 280DH2LP11000

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Ohmite Mfg. Co.
280 OHMITE-280 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Glenair, Inc.
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
More results

Similar Description - 280DH2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com