Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ3631 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TQ3631
Description  3V PCS Band CDMA LNA IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ3631 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TQ3631 Datasheet HTML 2Page - TriQuint Semiconductor TQ3631 Datasheet HTML 3Page - TriQuint Semiconductor TQ3631 Datasheet HTML 4Page - TriQuint Semiconductor TQ3631 Datasheet HTML 5Page - TriQuint Semiconductor TQ3631 Datasheet HTML 6Page - TriQuint Semiconductor TQ3631 Datasheet HTML 7Page - TriQuint Semiconductor TQ3631 Datasheet HTML 8Page - TriQuint Semiconductor TQ3631 Datasheet HTML 9Page - TriQuint Semiconductor TQ3631 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TQ3631
Data Sheet
For additional information and latest specifications, see our website: www.triquint.com
9
Package Pinout
Pin Descriptions
Pin Name
Pin #
Description and Usage
C2
1
Control logic 2
GND
2
Ground, paddle
RF IN
3
RF input, off-chip matching required
DC GND
4
Source of input FET
C3
5
Control logic 3
RF OUT
6
RF output, no matching required
GND
7
Ground
Vdd
8
LNA Vdd, typical 2.8V, C7 capacitor required
Control
Logic
C2
L1
GND
RF
IN
VDD
GND
RF
OUT
50 ohm
RF Out
Control
Logic
GND
C2
C3


Similar Part No. - TQ3631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
More results

Similar Description - TQ3631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com