Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQ3631 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part No. TQ3631
Description  3V PCS Band CDMA LNA IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQ3631 Datasheet(HTML) 4 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TQ3631
Data Sheet
4
For additional information and latest specifications, see our website: www.triquint.com
High Gain/Low Linearity Mode
Noise Figure v Freq v Temp
0.00
0.50
1.00
1.50
2.00
2.50
1920
1940
1960
1980
2000
Frequency (MHz)
-30C
+25C
+85C
High Gain/Low Linearity Mode
Idd v Vdd v Temp
2.50
3.00
3.50
4.00
4.50
5.00
5.50
2.5
2.7
2.9
3.1
3.3
Vdd (V)
-30C
+25C
+85C
BYPASS Mode
Gain v Freq v Temp
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1920
1940
1960
1980
2000
Frequency (MHz)
-30C
+25C
+85C
BYPASS Mode
Noise Figure v Freq v Temp
0.00
0.50
1.00
1.50
2.00
2.50
3.00
1920
1940
1960
1980
2000
Frequency (MHz)
-30C
+25C
+85C
BYPASS Mode
IIP3 v Freq v Temp
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
1920
1940
1960
1980
2000
Frequency (MHz)
-30C
+25C
+85C
BYPASS Mode
Idd v Vdd v Temp
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.5
2.7
2.9
3.1
3.3
Vdd (V)
-30C
+25C
+85C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TQ3632Low Current 3V PCS Band CDMA LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ31313V Cellular Band CDMA/AMPS LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ3132Low Current 3V Cellular Band CDMA/AMPS LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ3M31Dual Band LNA: 2.8V Cellular and PCS Band CDMA/AMPS LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ56313V PCS Band CDMA RFA/Mixer IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ56333V PCS Band CDMA RFA/Mixer IC WIRELESS COMMUNICATIONS DIVISION 1 2 3 4 5 MoreTriQuint Semiconductor
NWR190CDMA RX BAW-filter for PCS Band 1 2 3 4 5 MoreInfineon Technologies AG
MD59-0021PCS CDMA LNA / Downconverter 1.8-2.0 GHz 1 2 3 4 5 Tyco Electronics
NWT190CDMA TX Full Band BAW-filter for US PCS 1 2 3 4 5 MoreInfineon Technologies AG
MD59-0049PCS CDMA LNA/Downconverter 1.80-2.0 GHz 1 2 3 4 5 MoreTyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn